Electronic Components Datasheet Search
  English  ▼

X  

HT1137A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1137A
Description  Motorcycle LCD Game
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1137A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1137A Datasheet HTML 1Page - Holtek Semiconductor Inc HT1137A Datasheet HTML 2Page - Holtek Semiconductor Inc HT1137A Datasheet HTML 3Page - Holtek Semiconductor Inc HT1137A Datasheet HTML 4Page - Holtek Semiconductor Inc HT1137A Datasheet HTML 5Page - Holtek Semiconductor Inc HT1137A Datasheet HTML 6Page - Holtek Semiconductor Inc HT1137A Datasheet HTML 7Page - Holtek Semiconductor Inc HT1137A Datasheet HTML 8Page - Holtek Semiconductor Inc HT1137A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Pad No.
Pin No.
COM0
COM1
COM2
COM3
SEGMENT
56
10
M1
H1
C1
1b,c
SEG22
55
11
T3
GO
LEVEL
SCORE
SEG21
54
12
R6
R7
L1
S5
SEG20
53
13
W1
L2
S4
P1
SEG19
52
14
T2
R5
S3
S13
SEG18
51
15
S23
R2
R3
R4
SEG17
50
16
S11
P2
S12
P3
SEG16
49
17
S2
S7
S1
R21
SEG15
48
18
W2
P5
S9
S18
SEG14
47
19
L3
S10
P4
S14
SEG13
46
20
S8
S17
S16
R20
SEG12
45
21
W3
S19
P6
S20
SEG11
44
22
L4
S21
P7
S15
SEG10
43
23
R17
R16
R14
R13
SEG9
42
24
T5
R18
L5
S22
SEG8
41
25
T4
R15
R12
S24
SEG7
40
26
R19
T6
C4
GAME OVER
SEG6
39
27
H4
8c
8b
8a
SEG5
38
28
8d
8e
8g
8f
SEG4
37
29
M4
7c
7b
7a
SEG3
36
30
7d
7e
7g
7f
SEG2
35
31
T7
B3
C3
6b,c
SEG1
34
32
M3
H3
L0
Hi
SEG0
8
33
COM0
—
—
—
COM0
7
34
—
COM1
—
—
COM1
6
35
—
—
COM2
—
COM2
5
36
—
—
—
COM3
COM3
HT1137A
5
19th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com