Electronic Components Datasheet Search
  English  ▼

X  

HT113FA Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT113FA
Description  Submarine War LCD Game
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113FA Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT113FA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 9Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 10Page - Holtek Semiconductor Inc HT113FA Datasheet HTML 11Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Absolute Maximum Ratings*
Supply Voltage ....................... VDD–0.3V to 5.5V
Input Voltage................. VSS–0.3V to VDD+0.3V
Storage Temperature ................. –50
°C to 125°C
Operating Temperature................... 0
°C to 70°C
*Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
—
—
2.4
3
3.3
V
IDD
Operating Current
3V
No load, fSYS=512kHz
—
300
500
µA
VLCD
LCD Supply Voltage
3V
—
—
3
—
V
fSYS
Operating Frequency
3V
R=36k
Ω
—
512
—
kHz
HT113FA
10
25th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com