Electronic Components Datasheet Search
  English  ▼

X  

HT113RA Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT113RA
Description  Poker and Black Jack LCD Game
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113RA Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT113RA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 9Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 10Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 11Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LCD Package Outline
Unit : mm
Specifications
Top Polarizer: Transmissive (46.00 mm
× 39.00 mm)
Bottom Polarizer: Transmissive (46.00 mm
× 35.00mm)
Storage Temp: –20
°C to +70°C
Operating Temp: –10
°C to +60°C
Viewing Angle: 6 O’clock
Drive Condition: 3V, 1/4 Duty, 1/3 Bias
Display Mode: Tn, Positive Mode
HT113RA
8
2nd Dec ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com