Electronic Components Datasheet Search
  English  ▼

X  

HT12A Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT12A
Description  Series of Encoders
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12A Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT12A Datasheet HTML 3Page - Holtek Semiconductor Inc HT12A Datasheet HTML 4Page - Holtek Semiconductor Inc HT12A Datasheet HTML 5Page - Holtek Semiconductor Inc HT12A Datasheet HTML 6Page - Holtek Semiconductor Inc HT12A Datasheet HTML 7Page - Holtek Semiconductor Inc HT12A Datasheet HTML 8Page - Holtek Semiconductor Inc HT12A Datasheet HTML 9Page - Holtek Semiconductor Inc HT12A Datasheet HTML 10Page - Holtek Semiconductor Inc HT12A Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Information word
If L/MB=1 the device is in the latch mode (for use with the latch type of data decoders). When the trans-
mission enable is removed during a transmission, the DOUT pin outputs a complete word and then
stops. On the other hand, if L/MB=0 the device is in the momentary mode (for use with the momentary
type of data decoders). When the transmission enable is removed during a transmission, the DOUT
outputs a complete word and then adds 7 words all with the ²1² data code.
An information word consists of 4 periods as illustrated below.
Address/data waveform
Each programmable address/data pin can be externally set to one of the following two logic states as
shown below.
HT12A/HT12E
7
April 11, 2000
1/ 3 bi t s y n c . per i o d
pi l o t pe r i od ( 12 bi t s )
addr es s c ode per i o d
per i od
dat a c ode
Composition of information
"O n e "
" Z er o"
f OS C
A ddr es s /
Da t a B i t
Address/Data bit waveform for the HT12E
"O n e "
" Z er o"
f OS C
Da t a B i t
Da t a B i t
"O n e "
" Z er o"
A ddr es s B i t
A ddr es s B i t
38k H z
ca r r i e r
Address/Data bit waveform for the HT12A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com