Electronic Components Datasheet Search
  English  ▼

X  

9902090CW Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 9902090CW
Description  Dual Output Hall Effect Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

9902090CW Datasheet(HTML) 1 Page - Bel Fuse Inc.

  9902090CW Datasheet HTML 1Page - Bel Fuse Inc. 9902090CW Datasheet HTML 2Page - Bel Fuse Inc. 9902090CW Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BEI
BEI
BEI
BEI
S E N S O R S & S Y S T E M S C O M P A N Y
DUNCAN ELECTRONICS DIVISION
15771 Red Hill Avenue
Tustin, CA 92780-7303
Phone: (714)258-7500
Fax: (714)258-8120
CONNECTOR PIN OUTPUT
SENSOR 1
SENSOR 2
Vs
1
5
GROUND
2
6
OUTPUT
4
3
BEI now offers the latest in rugged, non-contacting Hall effect sensing
technology with the 9900 series rotary sensor. This design offers the benefits of
potentiometers (simple construction and few components) while providing the superior
reliability and durability of non-contacting technology.
Unlike most similar products, this design provides the full redundancy of two*
independent Hall detectors in a common package. The Hall detectors are rigidly
supported to meet the severe durability requirements in most automotive and off-highway
applications. The device contains two programmable Hall effect sensors that can be
configured to a wide variety of application requirements in a compact package with an
integral, sealed connector.
Dual Output Hall Effect Sensor
Hall Effect
Sensor
Connector mates with Packard Electric METRI-Pack 150 series, pull-to-seat 6 pin sealed connector assemblies.
Shaft flat is shown with sensor outputs at 50% Vs.
NOTE: All dimensions are shown in millimeters.
*Single output sensors also available
1
2


Similar Part No. - 9902090CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99020 ETC2-99020 Datasheet
788Kb / 5P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
More results

Similar Description - 9902090CW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3235 ALLEGRO-3235 Datasheet
73Kb / 8P
DUAL-OUTPUT HALL-EFFECT SWITCH
logo
Melexis Microelectronic...
MLX90277 MELEXIS-MLX90277 Datasheet
416Kb / 21P
Dual Programmable Linear Hall Effect Sensor
logo
Allegro MicroSystems
A1359 ALLEGRO-A1359 Datasheet
279Kb / 12P
Factory-Programmed Dual Output Linear Hall Effect Sensor IC
logo
SHENZHEN FUMAN ELECTRON...
TC277 FUMAN-TC277 Datasheet
306Kb / 6P
Dual Output Hall Sensor IC
logo
Standex Electronics, In...
MFM7-DHS1-5KCD4 STANDEX-MFM7-DHS1-5KCD4 Datasheet
632Kb / 3P
Dual Output Hall Switch Sensor
Rev BBD
S12-DHS1-5KSA5 STANDEX-S12-DHS1-5KSA5 Datasheet
625Kb / 3P
Dual Output Hall Switch Sensor
Rev BCD
S63B-DHS1-5KCB2A STANDEX-S63B-DHS1-5KCB2A Datasheet
590Kb / 3P
Dual Output Hall Switch Sensor
Rev BCB
logo
Major-Power Technology ...
MA7950 MPOWER-MA7950 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.3
MA7953 MPOWER-MA7953 Datasheet
119Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.1
MA7954 MPOWER-MA7954 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com