Electronic Components Datasheet Search
  English  ▼

X  

HT1647 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT1647
Description  4-Level Gray Scale 64x16 LCD Controller for I/O C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT1647 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
HT1647
9
April 21, 2000
90%
50%
10%
GN D
t r
WR , R D
Cl o c k
t CL K
t f
t CL K
V DD
Figure 1
50 %
V A L I D DA T A
50 %
GN D
GN D
DB
W R , R D
Cl o c k
t su
t h
V DD
Figure 2
CS
GN D
50 %
50 %
FI R S T
Cl o c k
LA S T
Cl o c k
GN D
WR , R D
Cl o c k
t su 1
t h1
t CS
V DD
V DD
Figure 3
Functional Description
System oscillator
The HT1647 system clock is used to generate
the time base/Watchdog Timer (WDT) clock fre-
quency, LCD driving clock, and tone frequency.
The source of the clock may be from an on-chip
RC oscillator (32kHz), a crystal oscillator
(32.768kHz), or an external 32kHz clock by the
S/W setting. The configuration of the system os-
cillator is as shown. After the SYS DIS com-
mand is executed, the system clock will stop
and the LCD bias generator will turn off. That
command is, however, available only for the
on-chip RC oscillator or for the crystal oscilla-
tor. Once the system clock stops, the LCD dis-
play will become blank, and the time base/WDT
loses its function as well.
The LCD OFF command is used to turn the
LCD bias generator off. After the LCD bias gen-
erator switches off by issuing the LCD OFF
command, using the SYS DIS command re-
duces power consumption, serving as a system
power down command. But if the external clock
source is chosen as the system clock, using the
SYS DIS command can neither turn the oscilla-
tor off nor carry out the power down mode. The
crystal oscillator option can be applied to con-
nect an external frequency source of 32kHz to
the OSCI pin. In this case, the system fails to
enter the power down mode, similar to the case
in the external 32kHz clock source operation.
At the initial system power on, the HT1647 is at
the SYS DIS state.
OSC I
OSC O
C r y s t al Os c i l l at or
3276 8H z
E x t e r n a l C l o ck S o u r ce
32k H z
On- c h i p R C Os c i l l at or
32k H z
S yst e m
Cl o c k
System oscillator configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com