Electronic Components Datasheet Search
  English  ▼

X  

MRMS511M Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # MRMS511M
Description  AMR Sensors (Magnetic Switches)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MRMS511M Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  MRMS511M Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MRMS511M Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MRMS511M Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MRMS511M Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MRMS511M Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AMR Sensors (Magnetic Switches)
Murata offers a broad product portfolio of AMR sensors for wide range of
consumer and industrial applications including open-close detection for consumer
electronics and white goods, flow rate detection for smart gas and water meters,
and position sensing for cylinder switches. More than 30 part numbers support
diverse design and performance needs.
Murata AMR sensor is a sensing device utilizing the Magneto Resistance
effect. It is comprised of four AMR elements and a IC circuit. Features include
high sensitivity, narrow sensitivity spec range, design flexibility, and reliable
performance in different operating conditions.
Ta=25°C
Part Number
Type/Feature
Power Supply
Avg. Current
Consumption
Sensitivity
PKG Type
Operating
Temp. (°C)
MRMS201A
Std. performance
1.6 to 3.5V
5µA (Typ. Vcc3.0V)
0.5 to 2.5 mT
3Pin MM
-40 to +85
MRMS301A
Std. performance
1.6 to 3.5V
3µA (Typ. Vcc1.8V)
0.5 to 2.5 mT
3Pin FLP
-40 to +85
MRMS501A
Std. performance
1.6 to 3.5V
3µA (Typ. Vcc1.8V)
0.5 to 2.5 mT
Mini 3Pin FLP
-40 to +85
MRMS601A
Std. performance
1.6 to 3.5V
3µA (Typ. Vcc1.8V)
0.5 to 2.5 mT
4Pin LLP
-40 to +85
MRMS211H
Hi-accuracy
1.6 to 3.5V
5µA (Typ. Vcc3.0V)
0.8 to 1.4 mT
3Pin MM
-40 to +85
MRMS211M
Hi-accuracy
1.6 to 3.5V
5µA (Typ. Vcc3.0V)
1.2 to 1.8 mT
3Pin MM
-40 to +85
MRMS211L
Hi-accuracy
1.6 to 3.5V
5µA (Typ. Vcc3.0V)
1.6 to 2.2 mT
3Pin MM
-40 to +85
MRMS511H
Hi-accuracy
1.6 to 3.5V
3µA (Typ. Vcc1.8V)
0.8 to 1.4 mT
Mini 3Pin FLP
-40 to +85
MRMS511M
Hi-accuracy
1.6 to 3.5V
3µA (Typ. Vcc1.8V)
1.2 to 1.8 mT
Mini 3Pin FLP
-40 to +85
MRMS511L
Hi-accuracy
1.6 to 3.5V
3µA (Typ. Vcc1.8V)
1.6 to 2.2 mT
Mini 3Pin FLP
-40 to +85
MRMS611H
Hi-accuracy
1.6 to 3.5V
3µA (Typ. Vcc1.8V)
0.8 to 1.4 mT
4Pin LLP
-40 to +85
MRMS611M
Hi-accuracy
1.6 to 3.5V
3µA (Typ. Vcc1.8V)
1.2 to 1.8 mT
4Pin LLP
-40 to +85
MRMS611L
Hi-accuracy
1.6 to 3.5V
3µA (Typ. Vcc1.8V)
1.6 to 2.2 mT
4Pin LLP
-40 to +85
MRMS205A
5V operation
3.0 to 5.5V
8µA (Typ. Vcc5.0V)
0.5 to 2.5 mT
3Pin MM
-40 to +85
MRMS215H
5V operation, Hi-accuracy
3.0 to 5.5V
8µA (Typ. Vcc5.0V)
0.8 to 1.4 mT
3Pin MM
-40 to +85
MRMS215M
5V operation, Hi-accuracy
3.0 to 5.5V
8µA (Typ. Vcc5.0V)
1.2 to 1.8 mT
3Pin MM
-40 to +85
MRMS215L
5V operation, Hi-accuracy
3.0 to 5.5V
8µA (Typ. Vcc5.0V)
1.6 to 2.2 mT
3Pin MM
-40 to +85
c Position/Rotation Sensing [General Use]
Cat.No.S48E
c Position Sensing [High Performance]
Part Number
Type/Feature
Power Supply
Current
Consumption
Sensitivity
PKG Type
Operating
Temp. (°C)
MRSS27H
Hi-voltage, Hi-speed
3.5 to 30.0V
1.5mA (Vcc12.0V)*1
0.8 to 2.2 mT
3Pin MM
-40 to +100
MRSS29D
Hi-voltage, Hi-speed
3.5 to 30.0V
1.5mA (Vcc12.0V)*1
0.8 to 2.5 mT
3Pin MM
-40 to +100
MRMS541D
Hi-speed, Hi-accuracy
2.4 to 3.8V
220µA (Typ. Vcc3.0V)*2
1.0 to 2.5 mT
Mini 3Pin FLP
-40 to +85
MRUS72S
Hi-speed, Lo-power
2.4 to 3.6V
2.5mA (Vcc3.0V)*4
0.5 to 2.5 mT
Mini 4Pin FLP
-40 to +85
MRUS73C
Hi-speed, 2-Output
2.4 to 3.8V
250µA (Typ. Vcc3.3V)*2
Out1
1.4 to 2.8 mT
Out2
1.6 to 3.0 mT
Mini 4Pin FLP
-40 to +85
MRUS74S
Hi-speed, Ultra lo-power
1.6 to 3.5V*3
2.5mA (VIH3.0V)*4
2.5 mT<*5
Mini 4Pin FLP
-40 to +105
MRMS571A
Open-drain output
2.4 to 5.5V
8µA (Typ. Vcc5.0V)*2
0.8 to 1.8 mT
Mini 3Pin FLP
-40 to +85
*1 Icc (Max) at Vcc12.0V
*2 Avg. current consumption at specified power supply voltage.
*3 Enable voltage (VIH)
*4 Peak current consumption. Avg. current consumption depends on Vcc/VIH input parameter settings.
*5 The value indicates Hon sensitivity (Max).
Ta=25°C
S48E.pdf
Oct.18,2013
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.


Similar Part No. - MRMS511M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
More results

Similar Description - MRMS511M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
AS-V20NA-R MURATA-AS-V20NA-R Datasheet
33Kb / 1P
AMR Sensors (Magnetic Switches)
MRMS511L MURATA-MRMS511L Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRMS571A MURATA-MRMS571A Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRMS611H MURATA-MRMS611H Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRMS611L MURATA-MRMS611L Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
S48E MURATA-S48E Datasheet
529Kb / 4P
AMR Sensors (Magnetic Switches)
logo
Infineon Technologies A...
TLE5X09A16 INFINEON-TLE5X09A16 Datasheet
1Mb / 33P
Analog AMR/GMR Angle Sensors
V 2.0 2018-12
logo
Murata Manufacturing Co...
MS201A-001 MURATA1-MS201A-001 Datasheet
891Kb / 12P
AMR Sensors (Magnetic Sensors)
Ver.10.1
MS205A-001 MURATA1-MS205A-001 Datasheet
881Kb / 12P
AMR Sensors (Magnetic Sensors)
Ver.10.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com