Electronic Components Datasheet Search
  English  ▼

X  

RB421D Datasheet(PDF) 2 Page - Rohm

Part # RB421D
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB421D Datasheet(HTML) 2 Page - Rohm

  RB421D Datasheet HTML 1Page - Rohm RB421D Datasheet HTML 2Page - Rohm RB421D Datasheet HTML 3Page - Rohm RB421D Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB421D
0
5
10
15
20
25
30
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
1ms
IM=1mA
IF=10mA
300us
time
Mounted on epoxy board
0
5
10
15
0.1
1
10
100
t
Ifsm
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
trr DISPERSION MAP
VF DISPERSION MAP
0.01
0.1
1
10
100
0
100
200
300
400
500
600
0.01
0.1
1
10
100
1000
10000
0
5
10
15
20
25
30
35
1
10
100
010
20
30
f=1MHz
420
430
440
450
460
470
D1
AVE:439.5mV
Ta=25℃
IF=100mA
n=30pcs
260
270
280
290
300
310
D2
AVE:281.5mV
Ta=25℃
IF=10mA
n=30pcs
0
5
10
15
20
25
30
Ta=25℃
VR=10V
n=10pcs
AVE:2.548uA
0
5
10
15
20
AVE:5.50A
8.3ms
Ifsm
1cyc
AVE:6.20ns
0
5
10
15
0.1
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
Ta=25℃
f=1MHz
VR=0V
n=10pcs
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
Ta=125℃
Ta=25℃
Ta=75℃
0
1
2
3
4
5
6
7
8
9
10
AVE:6.09pF
Ta=25℃
f=1MHz
VR=10V
n=10pcs
2/3
2011.04 - Rev.A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com