Electronic Components Datasheet Search
  English  ▼

X  

HT23C256 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT23C256
Description  CMOS 32Kx 8-Bit Mask ROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT23C256 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT23C256 Datasheet HTML 1Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 2Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 3Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 4Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 5Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 6Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 7Page - Holtek Semiconductor Inc HT23C256 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Supply voltage: 4.5V~5.5V
Ta=–40
°C to 85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VCC
Conditions
VCC
Operating Voltage
—
—
4.5
—
5.5
V
ICC
Operating Current
5V
O/P Unload,
f=5MHz
——
25
mA
VIL
Input Low Voltage
5V
—
VSS
—
0.8
V
VIH
Input High Voltage
5V
—
2.2
—
VCC
V
VOL
Output Low Voltage
5V
IOL=3.2mA
—
—
0.4
V
VOH
Output High Voltage
5V
IOH=–1mA
2.4
—
VCC
V
ILI
Input Leakage Current
5V
VIN=0 to VCC
——
10
µA
ILO
Output Leakage Current
5V
VOUT=0 to VCC
——
10
µA
ISTB1
Standby Current
5V
CE=VIL
CE=VIH
—
—
1.5
mA
ISTB2
Standby Current
5V
CE
≤ 0.2V
CE
≥ VCC–0.2V
——
30
µA
CIN
Input Capacitance (See note)
—
f=1MHz
—
—
10
pF
COUT
Output Capacitance (See note)
—
f=1MHz
—
—
10
pF
Note: These parameters are periodically sampled but not 100% tested.
A.C. Characteristics
Ta=–40
°C to 85°C
Symbol
Parameter
VCC=2.7V~3.6V
VCC=4.5V~5.5V
Unit
Min.
Max.
Min.
Max.
tCYC
Cycle Time
250
—
150
—
ns
tAA
Address Access Time
—
250
—
150
ns
tACE
Chip Enable Access Time
—
250
—
150
ns
tAOE
Output Enable Access Time
—
150
—
80
ns
tOH
Output Hold Time
—
—
10
—
ns
tOD
Output Disable Time (See Note)
—
—
—
70
ns
tOE
Output Enable Time (See Note)
—
—
10
—
ns
Note: These parameters are periodically sampled but not 100% tested.
HT23C256
4
24th Aug ’98



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com