Electronic Components Datasheet Search
  English  ▼

X  

HT27C512 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT27C512
Description  OTP CMOS 64Kx 8-Bit EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27C512 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT27C512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT27C512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27C512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27C512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27C512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27C512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27C512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27C512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27C512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HT27C512
OTP CMOS 64K
×8-Bit EPROM
Block Diagram
Features
•
Operating voltage: +5.0V
•
Programming voltage
–
VPP=12.2V
±0.2V
–
VCC=5.8V
±0.2V
•
High-reliability CMOS technology
•
Latch-up immunity to 100mA from -1.0V to
VCC+1.0V
•
CMOS and TTL compatible I/O
•
Low power consumption
–
Active: 30mA max.
–
Standby: 1
µA typ.
•
64K
×8-bit organization
•
Fast read access time: 70ns, 90ns and 120ns
•
Fast programming algorithm
•
Programming time 75
µs typ.
•
Two line control (OE & CE)
•
Standard product identification code
•
Package type
–
28-pin DIP/SOP
–
32-pin PLCC
•
Commercial temperature range
(0
°C to +70°C)
General Description
The HT27C512 chip family is a low-power,
512K bit, +5V electrically one-time programma-
ble (OTP) read-only memories (EPROM). Or-
ganized into 64K words with 8 bits per word, it
features a fast single address location program-
ming, typically at 75
µs per byte. Any byte can
be accessed in less than 70ns/90ns with respect
to Spec. This eliminates the need for WAIT
states in high-performance microprocessor sys-
tems. The HT27C512 has separate Output En-
able (OE) and Chip Enable (CE) controls which
eliminate bus contention issues.
1
6th May ’99


Similar Part No. - HT27C512

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
285Kb / 11P
OTP CMOS 128Kx 8-Bit EPROM
November 21, 2002
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
November 21, 2002
HT27C020 HOLTEK-HT27C020 Datasheet
286Kb / 11P
OTP CMOS 256Kx 8-Bit EPROM
10th May 99
HT27C040 HOLTEK-HT27C040 Datasheet
98Kb / 9P
COMS 512K x 8-Bit OTP EPROM
April 30, 2001
More results

Similar Description - HT27C512

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
256K X 8 OTP CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
285Kb / 11P
OTP CMOS 128Kx 8-Bit EPROM
November 21, 2002
HT27C020 HOLTEK-HT27C020 Datasheet
286Kb / 11P
OTP CMOS 256Kx 8-Bit EPROM
10th May 99
HT27LC020 HOLTEK-HT27LC020 Datasheet
203Kb / 15P
OTP CMOS 256Kx 8-Bit EPROM
December 8, 2003
HT27LC512 HOLTEK-HT27LC512 Datasheet
258Kb / 10P
OTP CMOS 64Kx 8-Bit EPROM
6th May 99
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
December 8, 2003
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
November 21, 2002
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
CMOS 512K 8-Bit OTP EPROM
December 8, 2003
logo
AMIC Technology
A27020A AMICC-A27020A Datasheet
175Kb / 14P
256K X 8 OTP CMOS EPROM
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
256K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com