Electronic Components Datasheet Search
  English  ▼

X  

HT27LC512 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT27LC512
Description  OTP CMOS 64Kx 8-Bit EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27LC512 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT27LC512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 9Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 10Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Functional Description
Operation mode
All the operation modes are shown in the table following.
Mode
CE
OE/VPP
A0
A9
Output
Read
VIL
VIL
X (2)
X
Dout
Output Disable
VIL
VIH
X
X
High Z
Standby (TTL)
VIH
X
X
X
High Z
Standby (CMOS)
VCC
± 0.3V
X
X
X
High Z
Program
VIL
VPP
XX
DIN
Program Verify
VIL
VIL
XX
DOUT
Product Inhibit
VIH
VPP
X
X
High Z
Manufacturer Code (3)
VIL
VIL
VIL
VH (1)
1C
Device Code (3)
VIL
VIL
VIH
VH (1)
83
Notes: (1) VH = 12.0V
± 0.5V
(2) X=Either VIH or VIL
(3) For Manufacturer Code and Device Code, A1=VIH, When A1=VIL, both codes will read 7F
Programming of the HT27LC512
When the HT27LC512 is delivered, the chip has
all 512K bits in the “ONE”, or HIGH state.
“ZEROs” are loaded into the HT27LC512
through the procedure of programming.
The programming mode is entered when
12.2
±0.2V is applied to the OE/VPP pin and CE
is at VIL. For programming, the data to be
programmed is applied with 8 bits in parallel to
the data pins.
The programming flowchart in Figure 3. shows
the fast interactive programming algorithm.
The interactive algorithm reduces program-
ming time by using 30
µs to 105µs programming
pulses and giving each address only as many
pulses as is necessary in order to reliably pro-
gram the data. After each pulse is applied to a
given address, the data in that address is veri-
fied. If the data is not verified, additional pulses
are given until it is verified or until the maxi-
mum number of pulses is reached. This process
is repeated while sequencing through each ad-
dress of the HT27LC512. This part of the pro-
gramming algorithm is carried at VCC=5.8V to
assure that each EPROM bit is programmed to
a sufficiently high threshold voltage. This en-
sures that all bits have sufficient margin. After
the final address is completed, the entire
EPROM memory is read at VCC=VPP=5.25
±0.25V
to verify the entire memory.
Program inhibit mode
Programming of multiple HT27LC512 in paral-
lel with different data is also easily accom-
plished by using the Program Inhibit Mode.
Except for CE, all like inputs of the parallel
HT27LC512 may be common. A TTL low-level
program pulse applied to an HT27LC512 CE
input with OE/VPP=12.2
±0.2V will program that
HT27LC512. A high-level CE input inhibits the
other HT27LC512 from being programmed.
Program verify mode
Verification should be performed on the pro-
grammed bits to determine whether they were
correctly programmed. The verification should
be performed with OE/VPP and CE at VIL. Data
should be verified at tDV after the falling edge
of CE.
HT27LC512
6
6th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com