Electronic Components Datasheet Search
  English  ▼

X  

P004002 Datasheet(PDF) 1 Page - E-SWITCH

Part # P004002
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P004002 Datasheet(HTML) 1 Page - E-SWITCH

  P004002 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL4100AF240QG
8 = 1
4/18/2011
P004002
C
rc
1
1
1
2
P.C.B. LAYOUT
1
2
A
19858
RELEASE TO PRODUCTION
04/18/11
RC
2.55
[.100 in]
3.50
[.138 in]
.40
[.016 in]
1.35
[.053 in]
2.60
[.102 in]
4.80
[.189 in]
2.00
[.079 in]
3.60
[.142 in]
5.70
[.224 in]
6.20
[.244 in]
1.60
[.063 in]
5.10
[.201 in]
3.00
[.118 in]
2.10
[.083 in]
NOTES
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
0.4
X.XX=
0.25
3. TERMINAL NUMBERS FOR REF. ONLY.
4. OPERATING FORCE: 240
60gf
5. OPERATING LIFE: 500,000 CYCLES
6. TRAVEL: 0.15
0.1mm
7. CONTACT RATING: 12 VDC, 50mA
8. CONTACT RESISTANCE: 100m W MAX INITIAL
9. INSULATION RESISTANCE: 100M W MIN. @ 500 VDC
10. BOUNCE MAX: 10m SEC MAX
11. DIELECTRIC STRENGTH: 250 VAC FOR 1 MINUTE
12. OPERATING TEMPERATURE: -40
C TO 85C
13. STORAGE TEMPERATURE: -40
C TO 85C
14. PACKAGING: REEL 2000 PCS. PER
15.
DENOTES CRITICAL PARAMETER
16. 2002/95/EC (ROHS) COMPLIANT
6.00
[.236 in]
7.00
[.276 in]
R.50 MAX
[.020 in]
5.80 -.10
.00
+
.228 - .004
.000
+
in
[]
3.10
[.122 in]
.10
[.004 in]
MAX.
.45
[.018 in]
1.30
[.051 in]
2.00
[.079 in]
3.10
[.122 in]
5.10 -.00
.10
+
.201 - .000
.004
+
in
[]
.05
[.002 in]
MAX.
1.65
[.065 in]
1
2
CIRCUIT: SPST
B
B
20956
ADD CIRCUIT SCHEMATIC
1/8/13
EBP
ACTUATOR COLOR
NATURAL
C
21629
INCLUDED ACTUATOR COLOR
10/15/14
AS
C
0 -.05
.10
+
.002 -.002
.004
+
in
[]


Similar Part No. - P004002

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P00400213A TRIPPLITE-P00400213A Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P00400213LA TRIPPLITE-P00400213LA Datasheet
470Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to Left Angle IEC-320-C13),2-ft
P00400213RA TRIPPLITE-P00400213RA Datasheet
471Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to Right Angle IEC-320-C13),2-ft
P0040025 TRIPPLITE-P0040025 Datasheet
467Kb / 2P
Standard Computer Power Extension Cords, 10A 18AWG (IEC-320-C14 to IEC-320-C13), 2-ft. - 5-Pack
More results

Similar Description - P004002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com