Electronic Components Datasheet Search
  English  ▼

X  

P004010 Datasheet(PDF) 1 Page - E-SWITCH

Part # P004010
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P004010 Datasheet(HTML) 1 Page - E-SWITCH

  P004010 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL4105AF160QG
8:1
4/18/2011
P004010
C
BMA
1
1
PCB LAYOUT
12
3
1
2
3
1
2
3
SCHEMATIC
A
19858
RELEASE TO PRODUCTION
04/18/11
BMA
4.80
[.189 in]
4.60
[.181 in]
2.20
[.087 in]
1.50
[.059 in]
2.20
[.087 in]
3.60
[.142 in]
NOTES
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERMINAL NUMBERS FOR REF. ONLY.
4. OPERATING FORCE: 160
`50gf
5. OPERATING LIFE: 200,000 CYCLES
6. TRAVEL: 0.15
`0.1mm
7. CONTACT RATING: 12 VDC, 50mA
8. CONTACT RESISTANCE: 1W MAX
9. INSULATION RESISTANCE: 100M W MIN. @ 500 VDC
10. BOUNCE MAX: 10m SEC MAX
11. DIELECTRIC STRENGTH: 250 VAC FOR 1 MINUTE
12. OPERATING TEMPERATURE: -40
~C TO 85~C
13. STORAGE TEMPERATURE: -40
~C TO 85~C
14. PACKAGING: REEL 2200 PCS. PER
15.
DENOTES CRITICAL PARAMETER
16. 2002/95/EC (ROHS) COMPLIANT
.80 `.10
.031 `.004 in
[]
1.50 `.10
.059 `.004 in
[]
3.10 `.10
.122 `.004 in
[]
3.80 -.00
.10
+
.150 -.000
.004
+
in
[]
4.70 `.05
.185 `.002 in
[]
0.1 MAX.
0.25 MAX.
1.60 `.10
.063 `.004 in
[]
3.00 `.10
.118 `.004 in
[]
.80 -.00
.10
+
.031 -.000
.004
+
in
[]
.40 -.00
.10
+
.016 -.000
.004
+
in
[]
1.35 `.10
.053 `.004 in
[]
.40 `.05
.016 `.002 in
[]
1.50 `.05
.059 `.002 in
[]
1.10 `.05
.043 `.002 in
[]
2.20
[.087 in]
.65
[.026 in]
.85
[.033 in]
2.90
[.114 in]
.60
[.024 in]
.60
[.024 in]
.60
[.024 in]
2.30
[.091 in]
R0.5
MAX.
PCB
.70
[.028 in]
.40
[.016 in]
B
19873
CORRECT OPERATING LIFE NOTE
04/25/11
BMA
B
1.30
[.051 in]
.40
[.016 in]
C
19952
CORRECT NOTES AND DIMS
05/16/11
BMA
C
C
C
C
C


Similar Part No. - P004010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P004011 E-SWITCH-P004011 Datasheet
164Kb / 1P
ALL DIMENSIONS IN MM [INCH]
logo
Tripp Lite. All Rights ...
P004015 TRIPPLITE-P004015 Datasheet
487Kb / 2P
Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 15-ft
More results

Similar Description - P004010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com