Electronic Components Datasheet Search
  English  ▼

X  

HT48CA0 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT48CA0
Description  8-bit Microcontroller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CA0 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT48CA0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Pad Assignment
* The IC substrate should be connected to VSS in the PCB layout artwork.
* The TMR pad must be bonded to VDD or VSS if the TMR pad is not used.
Absolute Maximum Ratings*
Supply Voltage ................................. –0.3V to 4V
Storage Temperature................. –50
°C to 125°C
Input Voltage................. VSS–0.3V to VDD+0.3V
Operating Temperature............... –25
°C to 70°C
*Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
HT48CA0
4
23rd July ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com