Electronic Components Datasheet Search
  English  ▼

X  

P010410 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010410
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010410 Datasheet(HTML) 1 Page - E-SWITCH

  P010410 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL2243Red
4:1
10/10/2008
P010410
B
BLR
1
1
RECOMMENDED P.C.B. LAYOUT
3
2
1
4
SCHEMATIC
TOP SWITCH
BOTTOM SWITCH
5.00
[.197 in]
A
18260
RELEASED FOR PRODUCTION
10/8/08
BLR
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 50mA @12VDC
5. TRAVEL: 0.25 +0.2/-0.1mm
6. CONTACT RESISTANCE: 100MILLI-OHMS Max.
7. OPERATING FORCE: 160±50gf
8. CONTACT MATERIAL: SILVER
9. PACKAGING: 600 per TRAY
9.
DENOTES CRITICAL PARAMETER.
10. 2002/95/EC (ROHS) COMPLIANT
1
2
3
4
.50
[.020 in]
.30
[.012 in]
3.80
[.150 in]
4.60
[.181 in]
4.06
[.160 in]
3.10
[.122 in]
7.30
[.287 in]
9.66
[.380 in]
2.26
[.089 in]
3.00
[.118 in]
1.00
[.039 in]
2.00
[.079 in]
8.00
[.315 in]
1.75
[.069 in]
5.00
[.197 in]
7.00
[.276 in]
2.26
[.089 in]
n.80
[.031 in]
(4)
n1.30
[.051 in]
ACTUATOR COLOR:
RED PMS #200C
3.50
[.138 in]
1.63
[.064 in]
4
.56
[.022 in]
7.00
[.276 in]
6.80
[.268 in]
(REF.)
1.00
[.039 in]
1.80
[.071 in]
2.54
[.100 in]
n
(2)
B
18280
CHANGE TITLE, 600 PCS. PER TRAY
10/10/08
BLR
B
B


Similar Part No. - P010410

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0104 PULSE-P0104 Datasheet
74Kb / 1P
LOW PROFILE SELF-LEADED POWER INDUCTORS Designed for PCMCIA Applications
logo
E-SWITCH
P010400 E-SWITCH-P010400 Datasheet
29Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010401 E-SWITCH-P010401 Datasheet
28Kb / 1P
Updated PCB Layout
P010402 E-SWITCH-P010402 Datasheet
29Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010403 E-SWITCH-P010403 Datasheet
28Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P010410

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com