Electronic Components Datasheet Search
  English  ▼

X  

P010428 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010428
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010428 Datasheet(HTML) 1 Page - E-SWITCH

  P010428 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL3303F160QG
4:1
2/27/2007
P010428
C
TN
1
1
P.C.B MOUNTING
4.50
[.177 in]
8.00
[.315 in]
6.00
[.236 in]
n3.00
[.118 in]
3.10
[.122 in]
.10
[.004 in]
.70
[.028 in]
2.60
[.102 in]
.30
[.012 in]
2
4
3
CIRCUIT: SPST
1
1
2
34
6.80
[.268 in]
10.00
[.394 in]
3.10
[.122 in]
5.90
[.232 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERMINAL NUMBERS FOR REF ONLY.
4. TRAVEL: 0.25mm +0.2/-0.1
5. RATING: 50mA, 12VDC
6. OPERATING FORCE: 160
`50gf
7. CONTACT RESISTANCE: 100M OHM MAX.
8. ACTUATOR COLOR: IVORY
9.
DENOTES CRITICAL PARAMETER
10. PACKAGING: TAPE AND REEL 1,500 PCS PER
11. 2002/95/EC (ROHS) COMPLIANT
B
15915
REVISED REDRAWN
3/29/06
PH
6.20
[.244 in]
TERMINALS TO BE COLPLANAR
WITH IN 0.10mm
C
17037
FIXED ACTUATOR COLOR
2/27/07
TN


Similar Part No. - P010428

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010425 E-SWITCH-P010425 Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010429 E-SWITCH-P010429 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P010428

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com