Electronic Components Datasheet Search
  English  ▼

X  

PB5010 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PB5010
Description  Enhanced isoCinkTM Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PB5010 Datasheet(HTML) 4 Page - Vishay Siliconix

  PB5010 Datasheet HTML 1Page - Vishay Siliconix PB5010 Datasheet HTML 2Page - Vishay Siliconix PB5010 Datasheet HTML 3Page - Vishay Siliconix PB5010 Datasheet HTML 4Page - Vishay Siliconix PB5010 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PB5006, PB5008, PB5010
www.vishay.com
Vishay General Semiconductor
Revision: 26-Jun-13
4
Document Number: 84809
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Case Type PB
0.066 (1.68)
REF.
0.214 (5.44) REF.
0.633 (16.07)
REF.
0.088 (2.24)
REF.
1.041 (26.44) REF.
0.070 (1.78) REF.
0.161 (4.1)
0.138 (3.5)
0.201 (5.1)
0.177 (4.5)
0.134 (3.4)
0.118 (3.0)
0.145 (3.7)
0.130 (3.3)
0.032 (0.80)
0.024 (0.60)
0.118 (3.0)
0.102 (2.6)
5° TYP.
5° TYP.
120° TYP.
Back Side View
Side View
Front Side View
1.193 (30.3)
1.169 (29.7)
0.799 (20.3)
0.776 (19.7)
0.205 (5.20)
0.189 (4.80)
0.708 (18.0)
0.669 (17.0)
0.165 (4.20)
0.150 (3.80)
0.303 (7.70)
0.287 (7.30)
0.303 (7.70)
0.287 (7.30)
0.402 (10.2)
0.386 (9.80)
0.043 (1.10)
0.035 (0.90)
0.094 (2.40)
0.079 (2.00)
0.106 (2.70)
0.091 (2.30)
0.441 (11.2)
0.425 (10.8)
0.118 (3.0) x 45°
CHAMFER



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com