Electronic Components Datasheet Search
  English  ▼

X  

ST110002 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST110002
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST110002 Datasheet(HTML) 1 Page - E-SWITCH

  ST110002 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100SP1T1B1VS2QEH
2:1
1/31/05
ST110002
A
AR
1
1
P.C. MOUNTING
A
14650
RELEASED FOR PRODUCTION
1/31/05
AR
POS. 1
POS. 1
POS. 1
SWITCH FUNCTION
NONE
ON
ON
2-3
OPEN
2-1
2
1
3
CIRCUI: SPST
2.92
[.115 in]
n
4.70
[.185 in]
1.27
[.050 in] TYP.
E-SWITCH
MARKING ON
OPPOSITE SIDE
1
2
3
3
4.70
[.185 in] TYP.
.76
[.030 in]
11.68
[.460 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 5 AMPS W/RESITIVE LOAD @ 120VAC OR 28VDC
2 AMPS W/RESITIVE LOAD @ 250VAC
6. ELECTRIC LIFE: 40,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10. HARDWARE TO BE SHIPPED BULK
T100000 - HEXNUT - QTY 2
T100011 - LOCKWASHER - QTY 1
T100015 - LOCKRING - QTY 1
11.
DENOTES CRITICAL PARAMETER.
8.13
[.320 in]
15.75
[.620 in]
.51
[.020 in]
3.18
[.125 in]
1.22
[.048 in] TYP.
8.40
[.331 in]
10.41
[.410 in]
15.75
[.620 in]
4.70
[.185 in]
3.18
[.125 in]
n1.85
[.073 in]
1/4-40 UNS
THREADS
25
~
POS. 1
POS. 3
1.02
[.040 in]
.71
[.028 in]
KEYWAY
100SP1T1B1VS2QE
(T110002)


Similar Part No. - ST110002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST110000 E-SWITCH-ST110000 Datasheet
123Kb / 1P
E-SWITCH 100SP1T6B11M2QEH
ST110000 E-SWITCH-ST110000 Datasheet
123Kb / 1P
All Dimension In MM
ST110001 E-SWITCH-ST110001 Datasheet
190Kb / 1P
E-SWITCH 100SP1T1B1M2QEH
ST110001 E-SWITCH-ST110001 Datasheet
190Kb / 1P
All Dimension In MM
ST110004 E-SWITCH-ST110004 Datasheet
87Kb / 1P
All Dimension In MM
More results

Similar Description - ST110002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com