Electronic Components Datasheet Search
  English  ▼

X  

NX8501 Datasheet(PDF) 5 Page - NEC

Part # NX8501
Description  InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NX8501 Datasheet(HTML) 5 Page - NEC

  NX8501 Datasheet HTML 1Page - NEC NX8501 Datasheet HTML 2Page - NEC NX8501 Datasheet HTML 3Page - NEC NX8501 Datasheet HTML 4Page - NEC NX8501 Datasheet HTML 5Page - NEC NX8501 Datasheet HTML 6Page - NEC NX8501 Datasheet HTML 7Page - NEC NX8501 Datasheet HTML 8Page - NEC NX8501 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet P14128EJ2V0DS00
5
NX7660JC
TYPICAL CHARACTERISTICS (TLD = 25 °C, TC = –5 to +70 °C)
0
2
1
3
4
5
6
7
8
1.0
2.0
3.0
5.0
4.0
6.0
7.0
10
020
30
40
50
60
0.1
0.2
0.3
1 600
1 625
1 650
0.5
0
20
40
100
80
60
140
120
1.0
1.5
2.0
OUTPUT POWER FROM FIBER vs.
FORWARD CURRENT
Forward Current IF (mA)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
OUTPUT POWER FROM FIBER vs.
LD MONITOR CURRENT
LD Monitor Current Im (mA)
LONGITUDINAL MODE FROM FIBER
Wavelength
λ (nm)
0
50
30
20
10
1
2
3
5
25
50
75
TYPICAL THERMISTOR RESISTANCE vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com