Electronic Components Datasheet Search
  English  ▼

X  

SJS840410 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # SJS840410
Description  Luminus MP Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SJS840410 Datasheet(HTML) 1 Page - Amphenol Corporation

  SJS840410 Datasheet HTML 1Page - Amphenol Corporation SJS840410 Datasheet HTML 2Page - Amphenol Corporation SJS840410 Datasheet HTML 3Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
New Product Bulletin
Amphenol Pcd is pleased to announce the availability of our latest innovation
in light weight aerospace connection systems,
Luminus MP (Metal
Plated) Series. These twist & lock, “scoop-proof” connectors provide
the same convenience and weight savings of the Luminus Series, with
the added benefit of EMI shielding and protection from ambient noise
transients.
Luminus MP Series
Jam Nut Receptacle
Amphenol Pcd is also pleased to announce the availability of our
latest configuration in the Luminus Series twist & lock connection
system, a circular
Jam Nut Receptacle connector. This addition
provides greater flexibility in application options, allowing for
simple and secure panel PCB mounting.
Available in the Metal Plated or standard version, the Jam Nut
Receptacle is ideal for power supply cases, power distribution
panels, seat power distribution and modular power feed through applications where weight and cost are critical factors. Solder
wash standoff feet and self-tapping screw holes enable PCB mounting. PCB mounting is useful for inter-system connectivity, where
a rigid board-to-board connector is impractical.
Jam Nut Receptacle samples are currently available in the 12-pin and 25-pin configurations.
Features
Benefits
Molded plastic locking ring with anti-rotation (panel mounting) Security in high vibration & shock environments
Solder wash standoff feet & two-thread cutting screws holes
(PCB mounting)
Helps ensure solder joints do not bear stress during installation
and pass through vibration and shock when panel mounted
Silicone O-ring
Environmental sealing and stack up tolerance
Optional metalized O-ring
Ensures case to connector EMI shielding
Electroless nickel plate
EMI Shielding for improve signal integrity
Frequency in Mhz
Attenuation
Amphenol Pcd
www.amphenolpcd.com
info@amphenolpcd.com
978-624-3400
EMI shielding is provided by an electroless copper and nickel plate, and a
copper alloy spring finger gasket. Tests show greater than 50db of
attenuation for low end signals (<100Mhz) and greater than 40db of
attenuation for high end signals (<1Ghz). This level of isolation makes
Luminus MP Series the ideal choice for AC wash lighting, fluorescent
lighting,
switching
power
supply
systems,
and
inter-system
connectivity signal paths, where protection against ambient noise
transients is required. (DO-160G Section 21 categories B, L and M and
DO-160G Section 20 categories S & T).
All existing Luminus Series configurations will be available in the MP style.
Luminus MP Series samples are currently available in the 8-pin, 12-pin,
and 25-pin configurations.
April 2014
*Preliminary


Similar Part No. - SJS840410

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SJS840410 AMPHENOL-SJS840410 Datasheet
5Mb / 5P
New from Amphenol PCD - Luminus Series connectors
SJS840410 AMPHENOL-SJS840410 Datasheet
562Kb / 3P
Luminus MP Series
SJS840410 AMPHENOL-SJS840410 Datasheet
562Kb / 3P
Luminus MP Series
More results

Similar Description - SJS840410

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP_11 Datasheet
3Mb / 9P
Intelligent MP Series
UMP EMERSON-NETWORKPOWER-UMP Datasheet
1Mb / 6P
關MP Series
logo
Amphenol Corporation
SJS830270 AMPHENOL-SJS830270 Datasheet
5Mb / 5P
New from Amphenol PCD - Luminus Series connectors
SJS840300 AMPHENOL-SJS840300 Datasheet
722Kb / 9P
Luminus Series lighting connectors from Amphenol PCD.
SJS840310 AMPHENOL-SJS840310 Datasheet
722Kb / 9P
Luminus Series lighting connectors from Amphenol PCD.
SJS840340 AMPHENOL-SJS840340 Datasheet
722Kb / 9P
Luminus Series lighting connectors from Amphenol PCD.
SJS840400 AMPHENOL-SJS840400 Datasheet
562Kb / 3P
Luminus MP Series
SJS840410 AMPHENOL-SJS840410 Datasheet
562Kb / 3P
Luminus MP Series
logo
Crydom Inc.,
DRA1-MPDCD3-B CRYDOM-DRA1-MPDCD3-B Datasheet
660Kb / 5P
DRA1 MP Series
logo
Luminus, Inc
MP-1616 LUMINUS-MP-1616 Datasheet
1Mb / 14P
Luminus SMD LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com