Electronic Components Datasheet Search
  English  ▼

X  

SJS860521 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # SJS860521
Description  New from Amphenol PCD - Luminus Series connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SJS860521 Datasheet(HTML) 3 Page - Amphenol Corporation

  SJS860521 Datasheet HTML 1Page - Amphenol Corporation SJS860521 Datasheet HTML 2Page - Amphenol Corporation SJS860521 Datasheet HTML 3Page - Amphenol Corporation SJS860521 Datasheet HTML 4Page - Amphenol Corporation SJS860521 Datasheet HTML 5Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product Description
1-Pin:
Developed to meet MIL-T-81714 criteria and available in two colors per size, these products feature an environ-
mental sealing that meets EIA-364D-03B to 12,000 ft. Altitude Immersion Test standard. Mating and releasing
the plug and receptacle is made simple to do. Simply push the part together to mate and lock, and “twist and
pull” to release.
3-Pin:
Developed to meet MIL-T-81714 criteria and available in three colors, these products feature molded-in polariz-
ing keys to enable blind-mate connections. Simply push the part together to mate and lock, and “squeeze and
pull” to release.
TECHNICAL SPECIFICATIONS
MATERIALS
Insulator
Body
Polyamide 6/6 (Nylon)
Grommet
Silicone Rubber
Contact
Retainer
Stainless Steel
PERFORMANCE
Temperature
Range
- 65°C to + 125°C
Insulation
Resistance
> 5000 Megaohms Min.
Dielectric
Withstanding
1500Vrms @ Sea Level
Current
Ratings
Size 12: 23 Amps
Size 16: 13 Amps
Size 20: 7.5 Amps
Sealing
Size 16 & 20: EIA-364-03B
(12,000 Ft.)
Size 12: EIA-364-D,
Method 3
Vibration
Size 16 & 20: EIA-364-
28D (Test
Condition V, E)
Size 12: EIA-364-D
(Method 28, Test Condi-
tion V)
Flammability
UL94, V0.
CTI Rating
UL746B, 600V
Contact
Retention
Size 16 & 20: EIA-364-29B
(20 lb)
Size 12: 30 lbs
Crimp Tool
Installation/
Removal Tool
Basic Tool
Positioner
12
M22520/1-01
M22520/1-04
M81969/14-04
16
M22520/1-01
M22520/1-04
M81969/14-03
20
M22520/1-01
M22520/1-04
M81969/14-02
Wire
Size
TERMINATION ACCESSORIES
Receptacle Specifications
Pin Count
Contact
Size
Part No.
W/ Contacts
Part No.
W/O Contacts
Length
(in)
Diameter
(in)
Mated
Length
(in)
Weight
(oz)
Key
Color
Mating Half
W/ Contacts
Shell
Size*
Contact Part No.
1-Pin
12
SJS512201
SJS512200
1.118
0.488
1.780
0.063
N/A
Blue
SJS512101
7
M39029/58-365;
pin
SJS512211
SJS512210
Red
SJS512111
7
16
SJS716201
SJS716200
1.059
0.429
1.654
0.053
N/A
Blue
SJS716101
6
M39029/58-364;
pin
SJS716211
SJS716210
Red
SJS716111
6
20
SJS720201
SJS720200
1.028
0.390
1.701
0.042
N/A
Green
SJS720101
6
M39029/58-363;
pin
SJS720211
SJS720210
Yellow
SJS720111
6
3-Pin
16
SJS816201
SJS816200
1.028
0.701
1.614
0.162
A
Red
SJS816101
11
M39029/58-364;
pin
SJS816211
SJS816210
B
White
SJS816111
11
SJS816221
SJS816220
C
Blue
SJS816121
11
20
SJS820201
SJS820200
0.988
0.701
1.681
0.131
A
Red
SJS820101
8
SJS820211
SJS820210
B
White
SJS820111
8
SJS820221
SJS820220
C
Blue
SJS820121
8
M39029/58-363;
pin
Mating Half
W/O Contacts
SJS512100
SJS512110
SJS716100
SJS716110
SJS720100
SJS720110
SJS816100
SJS816110
SJS816120
SJS820100
SJS820110
SJS820120
* Shell size: see back page
Plug Specifications
Pin Count
Contact
Size
Part No.
W/ Contacts
Part No.
W/O Contacts
Length
(in)
Diameter
(in)
Mated
Length
(in)
Weight
(oz)
Key
Color
Mating Half
W/O Contacts
Shell
Size*
Contact Part No.
1-Pin
12
SJS512101
SJS512100
1.209
0.449
1.780
0.077
N/A
Blue
SJS512200
7
M39029/56-353;
socket
SJS512111
SJS512110
Red
SJS512210
7
16
SJS716101
SJS716100
1.110
0.390
1.701
0.049
N/A
Blue
SJS716200
6
M39029/56-352;
socket
SJS716111
SJS716110
Red
SJS716210
6
20
SJS720101
SJS720100
1.079
0.701
1.681
0.152
N/A
Green
SJS720200
6
M39029/56-351;
socket
SJS720111
SJS720110
Yellow
SJS720210
6
3-Pin
16
SJS816101
SJS816100
1.118
0.701
1.614
0.187
A
Red
SJS816200
11
M39029/56-352;
socket
SJS816111
SJS816110
B
White
SJS816210
11
SJS816121
SJS816120
C
Blue
SJS816220
11
20
SJS820101
SJS820100
1.079
0.701
1.681
0.152
A
Red
SJS820200
8
SJS820111
SJS820110
B
White
SJS820210
8
SJS820121
SJS820120
C
Blue
SJS820220
8
M39029/56-351;
socket
Mating Half
W/ Contacts
SJS512201
SJS512211
SJS716201
SJS716211
SJS720201
SJS720211
SJS816201
SJS816211
SJS816221
SJS820201
SJS820211
SJS820221
* Shell size: see back page
Push & Pull
www.luminuspcd.com
email: info@luminuspcd.com
978-624-3400
Amphenol PCD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com