Electronic Components Datasheet Search
  English  ▼

X  

STW40N60M2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW40N60M2
Description  N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW40N60M2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW40N60M2 Datasheet HTML 4Page - STMicroelectronics STW40N60M2 Datasheet HTML 5Page - STMicroelectronics STW40N60M2 Datasheet HTML 6Page - STMicroelectronics STW40N60M2 Datasheet HTML 7Page - STMicroelectronics STW40N60M2 Datasheet HTML 8Page - STMicroelectronics STW40N60M2 Datasheet HTML 9Page - STMicroelectronics STW40N60M2 Datasheet HTML 10Page - STMicroelectronics STW40N60M2 Datasheet HTML 11Page - STMicroelectronics STW40N60M2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
STB40N60M2, STP40N60M2, STW40N60M2
8/21
DocID024932 Rev 3
Figure 14. Normalized V(BR)DSS vs temperature
Figure 15. Source-drain diode forward vs
temperature
V(BR)DSS
-50
TJ(°C)
(norm)
0
0.9
0.94
0.98
1.02
1.06
ID=1 mA
50
100
1.1
AM15714v1
VSD
0
ISD(A)
(V)
6
0.5
0.6
0.7
0.8
0.9
12
18
1
TJ= -50°C
TJ= 25°C
TJ= 150°C
24
30
GIPD240920132025FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com