Electronic Components Datasheet Search
  English  ▼

X  

NNCD10E Datasheet(PDF) 3 Page - NEC

Part # NNCD10E
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD10E Datasheet(HTML) 3 Page - NEC

  NNCD10E Datasheet HTML 1Page - NEC NNCD10E Datasheet HTML 2Page - NEC NNCD10E Datasheet HTML 3Page - NEC NNCD10E Datasheet HTML 4Page - NEC NNCD10E Datasheet HTML 5Page - NEC NNCD10E Datasheet HTML 6Page - NEC NNCD10E Datasheet HTML 7Page - NEC NNCD10E Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NNCD3.3E to NNCD12E
3
TYPICAL CHARACTERISTICS (TA = 25
°C)
0
250
200
150
100
50
0
25
50
75
TA - Ambient Temperature - °C
Fig. 1 POWER DISSIPATION vs. AMBIENT TEMPERATURE
100
125
150
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
µ
µ
µ
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
µ
µ
µ
0123456789 10
VBR - Breakdown Voltage - V
0789 10 11 12 13 14 15
VBR - Breakdown Voltage - V
NNCD9.1E
NNCD8.2E
NNCD7.5E
NNCD6.8E
NNCD3.3E
NNCD3.6E
NNCD3.9E
NNCD4.3E
NNCD4.7E
NNCD5.1E
NNCD5.6E
NNCD6.2E
NNCD12E
NNCD10E
NNCD11E
Fig. 2 IT - VBR CHARACTERISTICS
Fig. 3 IT - VBR CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com