Electronic Components Datasheet Search
  English  ▼

X  

STP45N10F7 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP45N10F7
Description  N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP45N10F7 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP45N10F7 Datasheet HTML 6Page - STMicroelectronics STP45N10F7 Datasheet HTML 7Page - STMicroelectronics STP45N10F7 Datasheet HTML 8Page - STMicroelectronics STP45N10F7 Datasheet HTML 9Page - STMicroelectronics STP45N10F7 Datasheet HTML 10Page - STMicroelectronics STP45N10F7 Datasheet HTML 11Page - STMicroelectronics STP45N10F7 Datasheet HTML 12Page - STMicroelectronics STP45N10F7 Datasheet HTML 13Page - STMicroelectronics STP45N10F7 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Package mechanical data
STD45N10F7, STI45N10F7, STP45N10F7
10/19
DocID024455 Rev 1
Table 8. DPAK (TO-252) type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1.00
1.50
(L1)
2.80
L2
0.80
L4
0.60
1.00
R0.20
V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com