Electronic Components Datasheet Search
  English  ▼

X  

HT817D0 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT817D0
Description  16.8-Second LOG-PCM Speech
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT817D0 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT817D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 9Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 10Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 11Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 12Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 13Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HT817D0
10
March 15, 2000
In addition to the above-stated output sig-
nals, FLAG1 can also generate one of the fol-
lowing signals by code option:
¨
Voice indicator output
FLAG1 is active low when voices are play-
ing. FLAG1 is also turned low when a voice
section is output. The brightness of FLAG1
varies with the volume. FLAG1 becomes
floating after the silence section is output or
the voice output is terminated.
¨
End-pulse output
When the voice output is completed, the
FLAG1 pin outputs an active low pulse. The
pulse width can be programmed depending
on the customer¢s requirements.
The FLAG1 as well as FLAG2 pins are both
floating outputs when the chip is in the
standby state.
Volume control
The function of volume control can be set by
mask option. A code is written in the function
table for the purpose of controlling the volume
of each section output after the volume control
function is chosen. There are two volume op-
tions, namely, full range and half range.
AUD
The AUD pin is a PMOS open drain structure.
It outputs voice signals to drive a speaker
through an external NPN transistor when the
chip is active. The AUD pin becomes a floating
output when the chip is in the standby state.
The 8050 type transistor with hFE@150 is rec-
ommended for an output driver.
AU D
FL A G
: F l oat i n g
AU D
FL A G
: F l oat i n g
VD D
OS C 2
OS C 1
VS S
AU D
R OS C
H T 817D 0
8050
V DD
SP K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com