Electronic Components Datasheet Search
  English  ▼

X  

HT818D0 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT818D0
Description  22.4-Second LOG-PCM Speech
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT818D0 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT818D0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT818D0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pad Assignment
Pad Coordinates
Unit: mm
Pad No.
X
Y
1
-914.50
1997.95
2
-914.50
1854.55
3
-914.50
1663.95
4
-987.90
-2023.45
5
-254.60
-1996.95
6
-18.90
-1996.95
7
411.90
-1996.95
8
674.70
-1996.95
9
806.10
-2027.55
10
937.90
-1996.95
11
912.80
1501.15
12
912.80
1639.75
13
912.80
1835.15
14
912.80
1978.75
15
709.50
1949.25
16
179.20
1949.25
17
22.00
1949.25
18
-156.40
1949.25
19
-734.20
1949.25
Chip size: 2270 ´ 4400 (mm)2
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pad Description
Pad No.
Pad Name
I/O
Internal
Connection
Description
1~3
KEY10~KEY12
I
Pull-high
Trigger key, low active. Key features such as
debounce time, pull-high resistance and repeat
are all by mask option.
4
VDD
¾¾
Positive power supply
5
AUD
O
PMOS
Open Drain Voice output for driving an external transistor
6
OSC2
O
¾
Oscillator output pin
7
OSC1
I
¾
Oscillator input pin
HT818D0
3
March 15, 2000
1
11
2
12
3
13
4
14
5
15
6
16
7
17
8
18
9
19
10
(0 , 0 )
KE Y1 0
KE Y1 1
KE Y1 2
KE Y1
KE Y2
KE Y3
KE Y4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com