Electronic Components Datasheet Search
  English  ▼

X  

HT819D0 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT819D0
Description  4.2 Second LOG-PCM Speech
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT819D0 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT819D0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT819D0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT819D0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT819D0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT819D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT819D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT819D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT819D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT819D0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Functional Description
The HT819D0 is a mask ROM type voice synthe-
sizer with 4.2-second voice capacity. A group of
pre-recorded voice sections is played upon receipt
of key trigger input signals. Two FLAG signals are
output while playing voices.
The 4.2-second voice capacity can be divided into
sections of arbitrary length. Notice that the si-
lence length and end-pulse width are not in-
cluded in the memory.
By using HOLTEK’s programming tools, the
contents and arrangement of sections, as well
as key features and FLAG output are all pro-
grammable before device fabrication.
The IC provides 6 key inputs (KEY1~KEY6). Of
the 6 keys, KEY1 can be optioned as a direct,
sequential or random trigger key. KEY6 can be
selected as a stop or direct key. The remaining
5 keys (KEY2~KEY6), are used as direct keys
exclusively.
System oscillator
The HT819D0 has a built-in RC oscillator
which requires only one external resistor for
normal applications. The oscillator frequency is
typically 96kHz for an external resistor of
530k
Ω. The required oscillator frequency may
vary with different sampling rates in the proc-
ess of voice programming. As a result, the value
of the oscillator resistor may be different for
different items.
The oscillator is turned on when triggered by a
key input. After playing, it is immediately turned
off and the chip goes into the standby state.
Play function block diagram
Voice ROM
The voice ROM is originally designed to continu-
ously record the 4.2-second voice data at a 6kHz
sampling rate. A higher sampling rate will gener-
ate voices of better playback quality, but will
shorten the total recording time. On the other
hand, a lower sampling rate results in longer
recording time but sacrifice voice quality.
The playback time can be significantly extended
by making use of coding efficiency, silence playing,
section repeating, section cascade, etc.
Section
Section is the basic element constituting the
contents of voice ROM. During programming,
the customer’s voice sources can be divided into
as many sections as required. A section can be
comprised by a voice or an interval of silence.
However, the silent length is not counted in
voice ROM. The total number of sections in-
cluded should be less than 252 due to the space
limitation of the function table ROM. The total
length of the included sections is limited by the
voice ROM.
A section, when triggered by a key input, can be
played once, repeatedly or cascaded with other
sections, depending on the key function table
instructions.
HT819D0
4
6th May ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com