Electronic Components Datasheet Search
  English  ▼

X  

HT827A0 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT827A0
Description  8-Bit Microcontroller with Voice ROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT827A0 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT827A0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Pad No. Pad Name I/O
Mask
Option
Description
13~20
PD0~PD7
I/O Pull-high
or None
Bidirectional 8-bit input/output ports
Software instructions determine the CMOS output or
schmitt trigger input with or without a pull-high resistor
(mask option).
6
VSS
¾¾
Negative power supply, ground
7~10
PE0~PE3
I/O Pull-high
or None
Bidirectional 8-bit input/output ports
Software instructions determine the CMOS output or
schmitt trigger input with or without a pull-high resistor
(mask option).
11
INT
I
¾
External interrupt schmitt trigger input with a
pull-high resistor
Edge triggered is activated on a high to low transition.
12
TMR
I
¾
Schmitt trigger input for a timer/event counter
29
AUD
O
¾
Audio output for driving an external transistor
PMOS open drain output
30
RES
I
¾
Schmitt trigger reset input, active low
31
VDD
¾¾
Positive power supply
32
33
OSC1
OSC2
I
O
Crystal or
RC
OSC1 and OSC2 connect to an RC network or crystal os-
cillator (determined by mask option) for an internal sys-
tem clock. In the case of RC operation, an oscillation
resistor connects to OSC1. OSC2 is the output terminal
of a 1/4 system clock.
Absolute Maximum Ratings
Supply Voltage..............................-0.3V to 5.5V
Storage Temperature.................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature ..............-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this de-
vice at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
HT827A0
5
March 15, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com