Electronic Components Datasheet Search
  English  ▼

X  

HT82K68E Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82K68E
Description  Multimedia Keyboard Encoder OTP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68E Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82K68E Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.8
¾
5.5
V
IDD1
Operating Current
(Crystal OSC)
3V
No load, fSYS= 2MHz
¾
0.7
1.5
mA
5V
¾
25
mA
IDD2
Operating Current
(RC OSC)
3V
No load, fSYS= 2MHz
¾
1
1.5
mA
5V
¾
25
mA
ISTB1
Standby Current
(WDT enabled)
3V
No load, system HALT
¾¾
8
mA
5V
¾¾
15
mA
ISTB2
Standby Current
(WDT Disabled)
3V
No load, system HALT
¾¾
3
mA
5V
¾¾
6
mA
VIL
Input Low Voltage for
I/O Ports
3V
¾
0
¾
1V
5V
¾
0
¾
1.5
V
VIH
Input High Voltage for
I/O Ports
3V
¾
2.1
¾
3V
5V
¾
3.5
¾
5V
VIL1
Input Low Voltage
(RESET)
3V
¾
0
¾
0.7
V
5V
¾
0
¾
1.3
V
VIH1
Input High Voltage
(RESET)
3V
¾
2.5
¾
3V
5V
¾
4.1
¾
5V
IOL
I/O Port Sink Current
5V VOL= 0.5V
715
¾
mA
IOH
I/O Port Source Current
5V VOH= 4.5V
-2.5 -4.5
¾
mA
ILED
LED Sink Current
5V VOL=3.2V
10
14
18
mA
tPOR
Power-on Reset Time
5V
¾
120
150
180
ms
RPH
Internal Pull-high
Resistance of PA, PB, PC,
PD, PE Port
5V
¾
512
20
kW
RPH1
Internal Pull-high
Resistance of DATA, CLK 5V
¾
25
8
kW
Df/f
Frequency Variation
5V Crystal
¾¾
±1
%
Df/f1
Frequency Variation
5V RC
¾¾
±10
%
HT82K68E
5
August 8, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com