Electronic Components Datasheet Search
  English  ▼

X  

HT82M398 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT82M398
Description  WIN2000 3D PS/2 Mouse Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M398 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

  HT82M398 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M398 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M398 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M398 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M398 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M398 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M398 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M398 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Application Circuits
HT82M398A Z axis optomechanical (this application circuit is for reference only)
HT82M398A Z axis mechanical (this application circuit is for reference only)
HT82M398A
7
February 22, 2000
H T 82M 3 98A
Z1
Z2
VD D
B5
VS S
OS C I
CL K
DA T A
Y2
Y1
X2
X1
B4
LB
Ro
RB
S1
IR
1. 5k W
1. 5k W
V CC
IR
IR
S2
S3
16
15
14
13
12
11
10
3
4
5
6
7
8
9
2
1
0. 1 m F
CL K
DA T A
120k W
S4
S5
H T 82M 3 98A
Z1
Z2
VD D
B5
VS S
OS C I
CL K
DA T A
Y2
Y1
X2
X1
B4
LB
Ro
RB
S1
1. 5k W
V CC
IR
IR
S2
S3
16
15
14
13
12
11
10
3
4
5
6
7
8
9
2
1
0. 1 m F
CL K
DA T A
120k W
E n c oder
E V Z V X C 0 0112B
S4
S5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com