Electronic Components Datasheet Search
  English  ▼

X  

HT82M91A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82M91A
Description  3D USB Mouse
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M91A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82M91A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HT82M91A
3D USB Mouse
Block Diagram
1
January 28, 2000
Features
·
Complete Universal Serial Bus specifica-
tion compatibility
·
Serial Bus Interface Engine (SIE)
·
USB transceiver
·
Supports three buttons (R, M, L) and three
axes (X, Y, Z) input
·
Z axis can support two kinds of scroller in-
put (optomechanical and mechanical)
·
Single chip solution especially for USB
mouse function
·
Halt function and wake-up feature reduce
power consumption
·
Has plug and Play functions
·
Minimal external components
·
6MHz crystal oscillator for system clock
·
18-pin DIP package
General Description
HT82M91A is a 3D mouse encoder chip espe-
cially designed for USB applications. The
HT82M91A can support the USB Standard Re-
quest as well as HID Class Request version 1.0.
It can be briefly described as a Holtek 8-bit mC
with an on-chip USB interface logic. It can use
minimal external components to implement
three key-switches and four photo-coupler
mouse. The USB is specified by the Universal
Serial Bus Specification.
US B
T r ans c e i v er
US B
Re c e i v e r
US B
T r ans m i t t er
V o l t age
R egul at o r
Cl o c k
G ene r a t o r
RC
RE S E T
R egi s t er
Se t
U S B Se r i a l
I n t e r f a c e E n gi ne
(S I E )
and
C ont r o l
Logi c
Mai n
S t at e m a c h i n e
S u s pend
C ont r o l
Ho l t e k
8- bi t
Mi c ro c o n t ro l l e r
FI FO s ´ 2
US B D +
US B D -
V 33O
OS C 1
OS C 2
VD D
VS S


Similar Part No. - HT82M91A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M938R HOLTEK-HT82M938R Datasheet
162Kb / 12P
27MHz 3D PS2 Mouse Controller
October 29, 2002
HT82M938T HOLTEK-HT82M938T Datasheet
162Kb / 12P
27MHz 3D PS2 Mouse Controller
October 29, 2002
HT82M980A HOLTEK-HT82M980A Datasheet
167Kb / 6P
5-Key 3D WIN2000 USBPS/2 Mouse Controller
February 10, 2003
HT82M980A HOLTEK-HT82M980A Datasheet
110Kb / 6P
5-Key 3D WIN2000 USBPS/2 Mouse Controller
June 9, 2005
HT82M980A HOLTEK-HT82M980A_05 Datasheet
110Kb / 6P
5-Key 3D WIN2000 USBPS/2 Mouse Controller
June 9, 2005
More results

Similar Description - HT82M91A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M33A HOLTEK-HT82M33A Datasheet
642Kb / 13P
3D Mouse Controller
3rd Mar 99
HT82M39A HOLTEK-HT82M39A Datasheet
105Kb / 10P
3D PS/2 Mouse Controller
August 5, 1999
HT82M98A HOLTEK-HT82M98A Datasheet
89Kb / 7P
3D USBPS2 Mouse
June 14, 2000
HT82M980A HOLTEK-HT82M980A Datasheet
167Kb / 6P
5-Key 3D WIN2000 USBPS/2 Mouse Controller
February 10, 2003
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
5-Key 3D USBPS/2 Optical Mouse Controller
August 4, 2004
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
August 4, 2004
HT82M938T HOLTEK-HT82M938T Datasheet
162Kb / 12P
27MHz 3D PS2 Mouse Controller
October 29, 2002
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
3-Key 3D USBPS/2 Mouse Controller
October 31, 2006
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
September 15, 2005
HT82M980A HOLTEK-HT82M980A_05 Datasheet
110Kb / 6P
5-Key 3D WIN2000 USBPS/2 Mouse Controller
June 9, 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com