Electronic Components Datasheet Search
  English  ▼

X  

74HC4053 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # 74HC4053
Description  Triple 2-channel analog multiplexer/demultiplexer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4053 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button 74HC4053 Datasheet HTML 15Page - NXP Semiconductors 74HC4053 Datasheet HTML 16Page - NXP Semiconductors 74HC4053 Datasheet HTML 17Page - NXP Semiconductors 74HC4053 Datasheet HTML 18Page - NXP Semiconductors 74HC4053 Datasheet HTML 19Page - NXP Semiconductors 74HC4053 Datasheet HTML 20Page - NXP Semiconductors 74HC4053 Datasheet HTML 21Page - NXP Semiconductors 74HC4053 Datasheet HTML 22Page - NXP Semiconductors 74HC4053 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
74HC_HCT4053
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 8 — 19 July 2012
19 of 32
NXP Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
For 74HC4053: VM =0.5  VCC.
For 74HCT4053: VM =1.3 V.
Fig 14. Turn-on and turn-off times
001aad556
tPLZ
tPHZ
switch OFF
switch ON
switch ON
Vos output
Vos output
E, Sn inputs
VM
VI
0 V
90 %
10 %
tPZL
tPZH
50 %
50 %
Definitions for test circuit; see Table 11:
RT = termination resistance should be equal to the output impedance Zo of the pulse generator.
CL = load capacitance including jig and probe capacitance.
RL = load resistance.
S1 = Test selection switch.
Fig 15. Test circuit for measuring AC performance
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae382
VCC
VCC
open
GND
VEE
VI
Vos
DUT
CL
RT
RL
S1
PULSE
GENERATOR
Vis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com