Electronic Components Datasheet Search
  English  ▼

X  

HT82V14 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82V14
Description  14-Bit CCD/CIS Analog Signal Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V14 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82V14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V14 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Timing Diagrams
Timing Mode Sensor Mode
Channel Mode
A
CDS
3-channel internally-defined and pixel-rate mux (00)
B
CDS
1-channel internally-defined mux (01)
C
CIS/SHA
3-channel internally-defined and pixel-rate mux (00)
D
CIS/SHA
1-channel internally-defined mux (01)
Mode A
Note: DATA timing from pixel to pixel is decided by the first rising edge of ADCCLK when
CDSCLK2 is from high to low.
Mode B
HT82V14
5
July 12, 2000
R ( n- 4)
D 13~ D 6
R ( n- 4)
D5 ~ D 0
G ( n- 4)
D 13~ D 6
G ( n- 4)
D5 ~ D 0
B ( n- 4)
D 13~ D 6
B ( n- 4)
D5 ~ D 0
R( n - 3 )
D 13~ D 6
R ( n- 3)
D5 ~ D 0
G ( n- 3)
D 13~ D 6
G ( n- 3)
D5 ~ D 0
B ( n- 3)
D1 3 ~ D6
B ( n- 3)
D5 ~ D 0
R ( n- 2)
D1 3 ~ D6
R( n - 2 )
D5 ~ D 0
R
G
B
R
G
B
R
G
B
CDS C L K 1
CDS C L K 2
AD C C L K
D 13~ D 0
A nal og I npu t
t CP
t NV P
t ST L 1
t NV P
t C2 A
P i x e l n
P ix e l n + 1
t AD
t AD
t C1 A
t C1 C2 A
t C2 C1 A
t CRA
CDS C L K 1
D 13~ D 0
A nal og I npu t
P i x e l n
P i x e l n + 1
t AD
P i x e l n + 2
CDS C L K 2
D ( n- 10)
D 13~ D 6
D ( n- 10)
D5 ~ D 0
D ( n- 8)
D 13~ D 6
D ( n- 9)
D5 ~ D 0
t C1 B
t C2 C1 B
t C2 B
t C1 C2 B
t AD
t CRB
D ( n- 9)
D 13~ D 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com