Electronic Components Datasheet Search
  English  ▼

X  

HT82V731 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82V731
Description  Audio D/A Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V731 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82V731 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V731 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V731 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V731 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V731 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V731 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V731 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HT82V731
Audio D/A Converter
Block Diagram
Pin Assignment
Rev. 1.00
1
October 29, 2002
F
eatures
· CMOS technology
· Low power consumption
· Two voltage output channel in the same chip
· 16-bit dynamic range
· Low total harmonic distortion
· 5 voltage single power supply
· Data in 2¢s complement format, TTL
· 8-pin SOP package
Applications
· Digital audio equipment
· CD ROM/VCD
· MPEG card
General Description
HT82V731 is a 16-bit digital-to-analog converter IC uti-
lizing CMOS technology specially designed for stereo
audio application.
HT82V731 converts the 16 bits serial data into an ana-
log output voltage. The digital data is internally con-
verted to floating point expression whose format
consists of 10 bits mantissa and 7step exponent.
Using an R-string voltage divider, this floating point ex-
pression data is then converted to analog voltage.
It is compatible with TDA1311. It is available in 8-pin
SOP package.
D a t a L a t c h
D A C
O u t
o p
B C K
W S
D I N
V D D
R C H
L C H
. l o a t i n g D a t a
C o n v e r s i o n
+
V D D
o p
+
D A C
. l o a t i n g D a t a
C o n v e r s i o n
o p
+
O u t
O u t
V S S
1
2
3
4
8
7
6
5
B C K
W S
D I N
V S S
R C H
N C
L C H
V D D
H T 8 2 V 7 3 1
8 S O P - A


Similar Part No. - HT82V731

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V732 HOLTEK-HT82V732 Datasheet
105Kb / 7P
60mA Audio Power Amp
October 29, 2002
HT82V733 HOLTEK-HT82V733 Datasheet
111Kb / 8P
240mA Audio Power Amp
January 6, 2003
HT82V733 HOLTEK-HT82V733 Datasheet
85Kb / 7P
240mA Audio Power Amp
October 24, 2002
HT82V733 HOLTEK-HT82V733_02 Datasheet
85Kb / 7P
240mA Audio Power Amp
October 24, 2002
HT82V735 HOLTEK-HT82V735 Datasheet
131Kb / 9P
330mW Stereo Audio Power Amp With Shutdown
February 18, 2004
More results

Similar Description - HT82V731

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
Digital Audio D/A Converter
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
D/A Converter for Digital Audio
SM588X NPC-SM588X Datasheet
196Kb / 16P
Audio 3rd-order D/A Converter
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
D/A Converter for Digital Audio
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
16bit D/A Converter Audio Path
logo
Asahi Kasei Microsystem...
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
digital audio 24bit 96kHz A/D converter
AKD5393 AKM-AKD5393_05 Datasheet
885Kb / 23P
professional audio 24bit A/D converter
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
digital audio 16bit A/D converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com