Electronic Components Datasheet Search
  English  ▼

X  

HT84144 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT84144
Description  Magic VoiceTM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT84144 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT84144 Datasheet HTML 1Page - Holtek Semiconductor Inc HT84144 Datasheet HTML 2Page - Holtek Semiconductor Inc HT84144 Datasheet HTML 3Page - Holtek Semiconductor Inc HT84144 Datasheet HTML 4Page - Holtek Semiconductor Inc HT84144 Datasheet HTML 5Page - Holtek Semiconductor Inc HT84144 Datasheet HTML 6Page - Holtek Semiconductor Inc HT84144 Datasheet HTML 7Page - Holtek Semiconductor Inc HT84144 Datasheet HTML 8Page - Holtek Semiconductor Inc HT84144 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
HT84XXX
Magic VoiceTM
ROM Selection Table
The HT84XXX series provides various voice capacity as shown below:
Part No.
HT84036
HT84072
HT84144
HT84192
HT84384
ROM
768Kb
1536Kb
3072Kb
4096Kb
8192Kb
Voice
Length
36 sec
72 sec
144 sec
192 sec
384 sec
Note: The voice capacity is based on a sampling rate of 21Kb/s
1
April 26, 2000
General Description
The HT84XXX family is a series of programma-
ble speech synthesizers and tone generators de-
signed for user-defined voice and melody
applications. It provides various sampling
rates and beats, tone levels, tempos for the
speech synthesizer and melody generator. The
HT84XXX series has two built-in high quality,
current type D/A outputs with 16 levels of vol-
ume control. The user¢s commands enable the
user to program the powerful custom function
such as to build-in a tiny controller. The Magic
VoiceTM provides various operational functions
similar to arithmetic operation, logic operation,
branch decision, random counter, and a pro-
grammable timer. The Magic VoiceTM series
are suitable for versatile voice and sound effect
applications.
The HT84XXX Magic VoiceTM is Easy For-
matTM supported.
Features
·
Operating voltage: 2.4V~5.0V
·
Programmable tone melody generator
·
ADPCM or m-law PCM, PCM synthesis
·
Wide range of sampling rate for voice
synthesis
·
Minimum sampling rate step: 100Hz
·
Voice melody mixed output
·
Programmable 2 channels of melody mixed
output
·
Programmable 2 channels of voice mixed
output
·
13 kinds of melody beats
·
5 octaves of tone level and 18 tempos
·
16 levels of digital volume control
·
Two current type D/A outputs
·
Eight programmable I/O pins
·
Four programmable input pins
·
Provides 36 sec to 384 sec of voice capacity
·
Timer controller
·
Voice fill-in function
·
Powerful user-defined functions
·
Power-on initial setting
·
28-pin SKDIP package
Applications
·
High-end educational leisure products
·
Alert and warning systems
·
Speech synthesizers and sound effect
generators
Magic Voice
TM is a trademark of Holtek Semiconductor Inc.
Easy Format
TM is a trademark of Grow With Me, Inc.


Similar Part No. - HT84144

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HT84 BITECH-HT84 Datasheet
71Kb / 5P
ADSL Coupling Transformers
HT84-00594 BITECH-HT84-00594 Datasheet
71Kb / 5P
ADSL Coupling Transformers
HT84-00595 BITECH-HT84-00595 Datasheet
71Kb / 5P
ADSL Coupling Transformers
HT84-00596 BITECH-HT84-00596 Datasheet
71Kb / 5P
ADSL Coupling Transformers
HT84-00597 BITECH-HT84-00597 Datasheet
71Kb / 5P
ADSL Coupling Transformers
More results

Similar Description - HT84144

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT83004 HOLTEK-HT83004 Datasheet
263Kb / 40P
Q-VoiceTM
logo
List of Unclassifed Man...
PLB010003 ETC1-PLB010003 Datasheet
324Kb / 6P
MAGIC LED
PLB010050 ETC1-PLB010050 Datasheet
275Kb / 5P
MAGIC LED
PLB010330 ETC1-PLB010330 Datasheet
385Kb / 5P
MAGIC LED
PLB113020 ETC1-PLB113020 Datasheet
420Kb / 6P
MAGIC LED
PLB114050 ETC1-PLB114050 Datasheet
646Kb / 11P
MAGIC LED
PLB138003 ETC1-PLB138003 Datasheet
634Kb / 11P
MAGIC LED
PLW11A090 ETC1-PLW11A090 Datasheet
520Kb / 11P
MAGIC LED
PLW111020 ETC1-PLW111020 Datasheet
789Kb / 13P
MAGIC LED
PLW138003 ETC1-PLW138003 Datasheet
711Kb / 11P
MAGIC LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com