Electronic Components Datasheet Search
  English  ▼

X  

HT9170 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT9170
Description  DTMF Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9170 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT9170 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9170 Datasheet HTML 12Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Application Circuits
HT9170
11
December 20, 1999
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
VD D
RT / G T
ES T
DV
D3
D2
D1
D0
OE
VP
VN
GS
VR EF
IN H
PW D N
X1
X2
VS S
0. 1 m F
300k W
V DD
100k W
100k W
0. 1 m F
DT M F
T o o t her dev i c e
VS S
X' T A L
C1
C2
T o o t her dev i c e
N o t e : ( a) X ' T A L = 3 . 5 79545M H z c r y s t a l
C 1 = C 2 @ 20pF
(b ) X ' T A L = 3 . 5 8 M H z c e ra m i c re s o n a t o r
C 1 = C 2 @ 39pF
H T 9170B / D
18 D I P / S O P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com