Electronic Components Datasheet Search
  English  ▼

X  

HT9274 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9274
Description  Quad Micropower Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9274 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9274 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9274 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9274 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9274 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9274 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9274 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HT9274
Quad Micropower Op Amp
Comparison Table
ITEM Operating
Voltage
Operating
Current
Output
Source
Current
Output
Sink
Current
Input Bias
Current
GBW
Max. load
(To VDD
or VSS)
HT9274 1.6~5.5V
5mA
500mA
500mA
1pA
0.1MHz
>10kW
WT274
1.35~10V
9mA16mA
2mA
1pA
0.1MHz
>500kW
LM324
3~32V
400mA
20mA
8mA
45nA
1MHz
>2kW
1
November 23, 1999
General Description
The HT9274 is a CMOS quad micro-power op-
erational amplifier featuring high input imped-
ance, extremely low power, high gain and high
stability.
It allows common mode input voltage range
which extends below the negative rail, output
swings to both rails with a reasonable sink and
souce capability of the output drive current.
This cost-effective device is suitable for high
gain, low frequency, low power applications, es-
pecially ideal for battery powered systems
where mA range of standby current is essential
for long battery life span. For example, in
multi-standard Caller ID systems, HT9274 is
ideal as a low power line signal monitor/detec-
tor, and in car alarm systems, the HT9274 is ex-
cellent for piezo vibratile detector signal
amplifier application.
Features
·
Quad micro power op amp
·
Wide range of supply voltage: 1.6V~5.5V
·
High input impedance
·
Single supply operation
·
Low current consumption: < 5mA per amp
·
Rail to rail output
·
Provides both sink and source output drive
capability
·
Common mode input extends below nega-
tive rail
·
Pin compatible with LM324/WT274 (14-pin
DIP)
·
14-pin DIP/SOP package
Applications
·
Battery powered system
·
Sensor amplifier
·
Low power gain blocks
·
Low power comparators
·
Signal detectors
·
Active filters
·
Caller ID systems
·
Communication systems


Similar Part No. - HT9274

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9200 HOLTEK-HT9200 Datasheet
282Kb / 8P
DTMF Generators
21st Aug 98
HT9200A HOLTEK-HT9200A Datasheet
282Kb / 8P
DTMF Generators
21st Aug 98
HT9200A HOLTEK-HT9200A Datasheet
139Kb / 14P
DTMF Generators
August 30, 2004
logo
SYC Electronica
HT9200A SYC-HT9200A Datasheet
235Kb / 8P
DTMF Generators
logo
Holtek Semiconductor In...
HT9200A HOLTEK-HT9200A_04 Datasheet
139Kb / 14P
DTMF Generators
August 30, 2004
More results

Similar Description - HT9274

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8449P TOSHIBA-TA8449P Datasheet
187Kb / 5P
QUAD POWER OP. AMP
logo
Linear Technology
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
Quad Precision Op Amp
LT1077 LINER-LT1077 Datasheet
838Kb / 11P
Micropower, Single Supply, Precision Op Amp
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286_07 Datasheet
434Kb / 14P
Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
June 28, 2007
logo
Linear Technology
LT1077 LINER-LT1077_1 Datasheet
301Kb / 16P
Micropower, Single Supply, Precision Op Amp
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
LT1077 LINER-LT1077_15 Datasheet
307Kb / 16P
Micropower, Single Supply, Precision Op Amp
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
Quad Precision Op Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com