Electronic Components Datasheet Search
  English  ▼

X  

SCS110K Datasheet(PDF) 3 Page - Intel Corporation

Part # SCS110K
Description  Intel Industrial Solutions System Consolidation Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCS110K Datasheet(HTML) 3 Page - Intel Corporation

  SCS110K Datasheet HTML 1Page - Intel Corporation SCS110K Datasheet HTML 2Page - Intel Corporation SCS110K Datasheet HTML 3Page - Intel Corporation SCS110K Datasheet HTML 4Page - Intel Corporation SCS110K Datasheet HTML 5Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TABLE 1. INTEL® INDUSTRIAL SOLUTIONS SYSTEM CONSOLIDATION SERIES SKUS
COMPONENTS
DEVELOPMENT KIT SCS 110K
PRODUCTION KIT SCS 110P
Hardware Components
Intel® Core™ i7 processor
I/O Interfaces: GbE, PCI Express* mini
card sockets, USB 2.0 & 3.0 ports,
RS-232/422/485
Support for up to two independent displays
Up to 16 GB system memory (RAM)
Chassis
Software
Wind River Hypervisor* 2.0
Preloaded
Per unit runtime licenses
Wind River Linux* (32-bit) 5.0
Preloaded
Per unit runtime licenses
Wind River VxWorks* (32-bit) 6.9.3
Preloaded
Per unit runtime licenses
Wind River Workbench* Development
Environment (on flash drive)
Documentation and tutorials (on flash drive)
Hardware-Assisted
Virtualization Technology
Intel has added hardware features to its
processors to improve the performance
and security of virtualization. This
hardware-assisted technology, called
Intel VT, enhances the capabilities of
software-based virtualization technology.
It performs various virtualization tasks
in hardware, like memory address
translation, which reduces the overhead
and footprint of virtualization software
and improves its performance, security,
and reliability. For instance, memory
access time is significantly faster when
virtual-to-physical memory address
translation is performed in hardware,
rather than software.
In addition, Intel VT increases the
robustness of virtualized environments by
using hardware to prevent the software
running in one VM from interfering with
the software running in another VM.
Along these lines, virtualization helps
avoid unintended interactions between
applications by preventing one from
accessing another’s memory space.
Software Elements Included
Wind River Hypervisor*—
Embedded Virtualization
Wind River Hypervisor is an embedded
hypervisor that consolidates multiple
applications and operating systems onto
a single multicore platform to decrease
hardware size, weight, power, and cost.
It provides low latency, determinism,
and real-time performance—all in a small
footprint. Wind River Hypervisor enables
the consolidation of legacy applications,
with added new capability, and mixed
safety and security levels.
Wind River VxWorks RTOS—
Real-Time Performance
Wind River VxWorks* RTOS provides
scalability, reliability, and real-time
performance, with comprehensive
multicore processor support, including
asymmetric multiprocessing (AMP) and
symmetric multiprocessing (SMP) OS
configurations and hardware-optimized
multicore acceleration capabilities.
VxWorks ensures high performance along
with deterministic behavior. Key features
include a tunable memory footprint, hard
real-time performance, state-of-the-art
memory protection, advanced multicore
processor support, and extensive
connectivity options. Together, these
features deliver the capabilities and
support demanded by mission-critical,
connected, intelligent systems.
Wind River Linux 5.0—Embedded Linux
Wind River Linux 5.0 is a commercial-
grade Linux solution for embedded
device development. Wind River Linux
combines the necessary elements to
enable customers to build and support
highly differentiated devices: an optimized
run-time; a flexible, scalable build system;
pre-integrated middleware packages
for specific device types; an integrated
development environment; and an open-
source toolkit, adapted and extended for
embedded development.
3
Intel® Industrial Solutions System Consolidation Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com