Electronic Components Datasheet Search
  English  ▼

X  

VN02AN Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN02AN
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN02AN Datasheet(HTML) 1 Page - STMicroelectronics

  VN02AN Datasheet HTML 1Page - STMicroelectronics VN02AN Datasheet HTML 2Page - STMicroelectronics VN02AN Datasheet HTML 3Page - STMicroelectronics VN02AN Datasheet HTML 4Page - STMicroelectronics VN02AN Datasheet HTML 5Page - STMicroelectronics VN02AN Datasheet HTML 6Page - STMicroelectronics VN02AN Datasheet HTML 7Page - STMicroelectronics VN02AN Datasheet HTML 8Page - STMicroelectronics VN02AN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VN02AN
HIGH SIDE SMART POWER SOLID STATE RELAY
July 1998
BLOCK DIAGRAM
TYPE
VDSS
RDS(on)IOUT
VCC
VN02AN
60 V
0.35
Ω
7 A
36 V
s
OUTPUT CURRENT (CONTINUOUS):
7A @ Tc=25
oC
s
LOGIC LEVEL 5V COMPATIBLE INPUT
s
THERMAL SHUT-DOWN
s
UNDER VOLTAGE PROTECTION
s
OPEN DRAIN DIAGNOSTIC OUTPUT
s
FAST DEMAGNETIZATION OF INDUCTIVE
LOAD
DESCRIPTION
The VN02AN is a monolithic device made using
STMicroelectronics
VIPower
Technology,
intended for driving resistive or inductive loads
with one side grounded.
Built-in thermal shut-down protects the chip from
over temperature and short circuit.
The
diagnostic
output
indicates
an
over
temperature status.
Fast turn-off of inductive load is achieved by
negative (-18 V) load voltage at turn-off.
®
PENTAWATT
(vertical)
PENTAWATT
(horizontal)
ORDER CODES:
PENTAWATT vertical
VN02AN
PENTAWATT horizontal
VN02AN(011Y)
PENTAWATT in-line
VN02AN(012Y)
PENTAWATT
(in-line)
1/11


Similar Part No. - VN02AN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02AN STMICROELECTRONICS-VN02AN Datasheet
104Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02AN011Y STMICROELECTRONICS-VN02AN011Y Datasheet
104Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02AN012Y STMICROELECTRONICS-VN02AN012Y Datasheet
104Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
More results

Similar Description - VN02AN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN05H STMICROELECTRONICS-VN05H Datasheet
227Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VN02N-E STMICROELECTRONICS-VN02N-E Datasheet
251Kb / 16P
High side smart power solid state relay
07-Nov-2008
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com