Electronic Components Datasheet Search
  English  ▼

X  

HTG13J0 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HTG13J0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG13J0 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HTG13J0 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG13J0 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG13J0 Datasheet HTML 11Page - Holtek Semiconductor Inc HTG13J0 Datasheet HTML 12Page - Holtek Semiconductor Inc HTG13J0 Datasheet HTML 13Page - Holtek Semiconductor Inc HTG13J0 Datasheet HTML 14Page - Holtek Semiconductor Inc HTG13J0 Datasheet HTML 15Page - Holtek Semiconductor Inc HTG13J0 Datasheet HTML 16Page - Holtek Semiconductor Inc HTG13J0 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
HT13J0
13
May19,1999
An example of an LCD driving waveform (1/8
dutyand1/5bias)isshownbelow.
Oscillatorcircuit
Only one external resistor is needed for HTG13J0
oscillator circuit.
The system clock is also used as the reference sig-
nal of LCD driving clock, sound effect clock, and
internal TIMER frequency source.
One HTG13J0 machine cycle consists of a se-
quence of 4 states numbered T1 to T4. Each state
lasts for one oscillator period. The machine cycle
is 4
ms, if the system frequency is up to 1.0MHz.
Inputports PS,PP
All ports can have internal pull high resistors
determined by mask option. Every bit of the in-
put ports PP and PS can be specified to be a
trigger source to wake up the HALT interrupt
by mask option. A high to low transition on one
of these pins will wake up the device from a
HALTstatus.
Outputport PA0~PA2
A mask option is available to select whether the
output is a CMOS or open drain NMOS type.
After an initial clear, the output port PA de-
faultshighforCMOSorfloatingforNMOS.
Note:
PA3 controls bit 13 of the program memory. Be
careful about PA3. When instruction "OUT PA,A"
isoperated,portA ischangedaswell.
Maskoption
The following options are available by mask op-
tion which must be selected prior to manufac-
turing.
· Each bit of input ports PS, PP with or without
pull-highresistor.
· Each bit of input ports PS, PP function as
HALTinterrupttrigger.
· Each bit of output port PA0~PA2 with CMOS
oropendrainNMOS.
· 8 bit programmable TIMER with internal fre-
quency sources. There are 13 (the sixth stage
is reserved for internal use) internal fre-
quency sources which can be selected as
clockingsignal.
· Sixkindsofsoundclockfrequency:
fSYS/2
m
,m=0,1,2,3,4,5
12345678123
4
VDD
4/5 VDD
3/5 VDD
2/5 VDD
1/5 VDD
GND
COM0
512Hz
64Hz
5
COM1
SEG0
VDD
4/5 VDD
3/5 VDD
2/5 VDD
1/5 VDD
GND
VDD
4/5 VDD
3/5 VDD
2/5 VDD
1/5 VDD
GND
D
CK
Q
Q
mask option
internal bus
VDD
Outputport
- PA0~PA2
VDD
internal bus
wake-up
pull-high
mask
option
read control
wake-up
mask
option
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com