Electronic Components Datasheet Search
  English  ▼

X  

HTG2150 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HTG2150
Description  8-Bit 320 Pixel LCD Microcontroller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2150 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HTG2150 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 11Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 12Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 13Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 14Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 15Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 16Page - Holtek Semiconductor Inc HTG2150 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
HTG2150
13
July 24, 2000
Preliminary
Arithmetic and logic unit - ALU
This circuit performs 8-bit arithmetic and logic
operation. The ALU provides the following
functions:
· Arithmetic operations (ADD, ADC, SUB,
SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ ....)
The ALU not only saves the results of a data op-
eration but also changes the status register.
Status register - STATUS
This 8-bit register (0AH) contains the zero flag
(Z), carry flag (C), auxiliary carry flag (AC),
overflow flag (OV), power down flag (PD) and
watchdog time-out flag (TO). It also records the
status information and controls the operation se-
quence.
With the exception of the TO and PD flags, bits
in the status register can be altered by instruc-
tions like any other register. Any data written
into the status register will not change the TO
or PD flags. In addition it should be noted that
operations related to the status register may
give different results from those intended. The
TO and PD flags can only be changed by system
power up, Watchdog Timer overflow, executing
the HALT instruction and clearing the Watch-
dog Timer.
The Z, OV, AC and C flags generally reflect the
status of the latest operations.
In addition, on entering the interrupt sequence
or executing the subroutine call, the status reg-
ister will not be automatically pushed onto the
stack. If the contents of status are important
and if the subroutine can corrupt the status
register, precautions must be taken to save it
properly.
Interrupt
The HTG2150 provides an external interrupt and
a PWM D/A interrupt and internal timer inter-
rupts. The Interrupt Control register (INTC;0BH,
INTCH;1EH) contains the interrupt control bits to
set the enable/disable and the interrupt request
flags.
Once an interrupt subroutine is serviced, all
other interrupts will be blocked (by clearing the
EMI bit). This scheme may prevent any further
interrupt nesting. Other interrupt requests may
happen during this interval but only the inter-
Labels
Bits
Function
C0
C is set if the operation results in a carry during an addition operation or if a bor-
row does not take place during a subtraction operation; otherwise C is cleared. C
is also affected by a rotate through carry instruction.
AC
1
AC is set if the operation results in a carry out of the low nibbles in addition or no
borrow from the high nibble into the low nibble in subtraction; otherwise AC is
cleared.
Z2
Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is
cleared.
OV
3
OV is set if the operation results in a carry into the highest-order bit but not a
carry out of the highest-order bit, or vice versa; otherwise OV is cleared.
PD
4
PD is cleared when either a system powers up or a CLR WDT instruction is exe-
cuted. PD is set by executing the HALT instruction.
TO
5
TO is cleared by a system power-up or executing the CLR WDT or HALT in-
struction. TO is set by a WDT time-out.
¾
6, 7
Undefined bits, read as ²0².
Status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com