Electronic Components Datasheet Search
  English  ▼

X  

203CMQ080 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 203CMQ080
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

203CMQ080 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  203CMQ080 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 203CMQ080 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 203CMQ080 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 203CMQ080 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Data Sheet N0989, Rev. D
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
203CMQ SERIES
203CMQ080/100 SCHOTTKY RECTIFIER
Applications:
● High current switching power supply ● Plating power supply ● Free-Wheeling diodes
● Reverse battery protection ● Converters ● UPS System ● Welding
Features:
•
175℃ TJ operation
•
Center tap module
•
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
•
Low forward voltage drop
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
Product contain Pb
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions: In mm/Inches
PRM4 (Isolated)
MARKING,MOLDING RESIN
Marking for 203CMQ080/100, 1
st row SS YYWWL, 2nd row 203CMQ080/100
Where YY is the manufacture year
WW is the manufacture week code
L is the wafer’s Lot Number
Molding resin
Epoxy resin UL:94V-0


Similar Part No. - 203CMQ080

ManufacturerPart #DatasheetDescription
logo
International Rectifier
203CMQ080 IRF-203CMQ080 Datasheet
154Kb / 5P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
203CMQ080 SMC-203CMQ080 Datasheet
218Kb / 4P
Guard ring for enhanced ruggedness and long term reliability
logo
SMC Diode Solutions Co....
203CMQ080/R SMCDIODE-203CMQ080/R Datasheet
345Kb / 5P
SCHOTTKY RECTIFIER
Rev.G
More results

Similar Description - 203CMQ080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com