Electronic Components Datasheet Search
  English  ▼

X  

HCPL-550X Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL-550X
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-550X Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL-550X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-550X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-550X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-550X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-550X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-550X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-550X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-550X Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-550X Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
1-570
Figure 13. Isolation Amplifier Application Circuit.
VOUT
IF
3
R
1
2
3
4
8
7
6
5
1
IF2
VIN
U1
2
U3
-15 V
–
+
–
+
I C
2
-15 V
I CC
6 mA
I C
1
= K 1
I F
1
I
n1
I C
2
= K 2
I F
2
I
n2
HCPL-5530
2
U4
–
+
2
5 k
Ω GAIN ADJUST
R4 1 kΩ
5
R
5 k
Ω
OFFSET ADJUST
I C
1
220
Ω
R2
2.7 k
Ω
R1
2.7 k
Ω
+
U2
–
+
–
U1 , U2 , U3 , U4 , LM307
50 k
Ω
F
´1
F
´2
Description
The schematic uses a dual-
channel, high-speed optocoupler
(HCPL-5530) to function as a
servo type dc isolation amplifier.
This circuit operates on the
principle that two optocouplers
will track each other if their gain
changes by the same amount over
a specific operating region.
Performance of Circuit
• 1% linearity for 10 V peak-to-
peak dynamic range
• Gain drift: -0.03%/
°C
• Offset Drift:
± 1 mV/°C
• 25 kHz bandwidth (limited by
Op-Amps U1, U2)
MIL-PRF-38534 Class H,
Class K, and DESC SMD
Test Program
Hewlett-Packard’s Hi-Rel Opto-
couplers are in compliance with
MIL-PRF-38534 Classes H and K.
Class H devices are also in
compliance with DESC drawings
5962-87679, and 5962-90854.
Testing consists of 100% screen-
ing and quality conformance
inspection to MIL-PRF-38534.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com