Electronic Components Datasheet Search
  English  ▼

X  

VNP49N04 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNP49N04
Description  OMNIFET FULLY AUTOPROTECTED POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNP49N04 Datasheet(HTML) 3 Page - STMicroelectronics

  VNP49N04 Datasheet HTML 1Page - STMicroelectronics VNP49N04 Datasheet HTML 2Page - STMicroelectronics VNP49N04 Datasheet HTML 3Page - STMicroelectronics VNP49N04 Datasheet HTML 4Page - STMicroelectronics VNP49N04 Datasheet HTML 5Page - STMicroelectronics VNP49N04 Datasheet HTML 6Page - STMicroelectronics VNP49N04 Datasheet HTML 7Page - STMicroelectronics VNP49N04 Datasheet HTML 8Page - STMicroelectronics VNP49N04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING (
**)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall T ime
VDD =15 V
Id =25 A
Vgen =10 V
Rgen =10
W
(see f igure 3)
200
1300
800
300
300
1800
1200
450
ns
ns
ns
ns
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall T ime
VDD =15 V
Id =25 A
Vgen =10 V
Rgen = 1000
W
(see f igure 3)
1.3
3.8
12
6.1
1.9
5.2
14
8.5
ms
ms
ms
ms
(di/ dt)on
Turn-on Current Slope
VDD =15 V
ID =25 A
Vin =10 V
Rgen =10
W
25
A/
ms
Qi
Total Input Charge
VDD =15 V
ID =25 A
Vin = 10 V
100
nC
SOURCE DRAIN DIODE
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VSD (
*)Forward On Voltage
ISD =25 A
Vin =0
1.6
V
trr (
**)
Qrr (
**)
IRRM (
**)
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 25 A
di/dt = 100 A/
ms
VDD =30 V
Tj =25
oC
(see t est circuit, figure 5)
250
910
7.5
ns
nC
A
PROTECTION
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
Ilim
Drain Current Limit
Vin =10 V
VDS =13 V
Vin =5 V
VDS =13 V
30
30
49
49
68
68
A
A
tdlim (
**) Step Response
Current Limit
Vin =10 V
Vin =5 V
35
90
50
150
ms
ms
Tjsh (
**) Overtemperature
Shutdown
150
oC
Tjrs (
**)
Overtemperature Reset
135
oC
Igf (
**)
Fault Sink Current
Vin =10 V
VDS =13 V
Vin =5 V
VDS =13 V
50
20
mA
mA
Eas (
**)
Single Pulse
Avalanche Energy
st arting Tj =25
oCVDD =20 V
Vin =10 V
Rgen =1 K
W L= 6 mH
4J
(
*) Pulsed: Pulse duration = 300 ms, duty cycle 1.5 %
(
**) Parameters guaranteed by design/characterization
VNP49N04
3/11
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com