Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2502 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL-2502
Description  Single Channel, High Speed Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2502 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2502 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2502 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2502 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-2502 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-2502 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-2502 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-2502 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-2502 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-2502 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Figure 6. Propagation Delay Time vs. Load Resistance.
Figure 5. Propagation Delay vs. Temperature.
Figure 4. Current Transfer Ratio vs. Temperature.
1.1
1.0
0.9
0.8
0.7
0.6
-60
-20
0
80
TA – TEMPERATURE – °C
F
CC
A
6N135, HCPL-0500
6N136, HCPL-4502/3,
HCPL-2502
HCPL-0501, 0452, 0453
8 PIN DIP, SO-8
-40
20
40
60
100
O
NORMALIZED
I = 16 mA
V = 0.4 V
V
= 5 V
T = 25°C
1.1
1.0
0.9
0.8
0.7
0.6
-60
-20
20
60
100
TA – TEMPERATURE – °C
0.5
80
40
0
-40
0.4
WIDEBODY
HCNW135/6,
HCNW4502/3
F
CC
A
O
NORMALIZED
I = 16 mA
V = 0.4 V
V
= 5 V
T = 25°C
3.0
2.0
1.0
0.1
4
0.6
0.4
3
2
1
0.2
8
7
6
59 10
0.8
RL – LOAD RESISTANCE – (kΩ)
tPLH
tPHL
V
= 5.0 V
T = 25 °C
CC
I
= 10 mA
I
= 16 mA
F
F
A
8 PIN DIP, SO-8
RL – LOAD RESISTANCE – (kΩ)
10.0
6.0
4.0
1.0
0.1
10
40
100
0.6
0.4
4
V
= 5.0 V
T = 25 °C
A
CC
I = 10 mA
I = 16 mA
F
t
2
1
0.2
PLH
PHL
t
t
WIDEBODY
2000
1500
1000
500
0
-60
-20
TA – TEMPERATURE – °C
8 PIN DIP, SO-8
20
60
100
6N135, HCPL-0500 (RL = 4.1 kΩ)
6N136, HCPL-0501, HCPL-2502
HCPL-4502/3 (RL = 1.9 kΩ)
HCPL-0452/3
IF = 16 mA, VCC = 5.0 V
tPLH
tPHL
1000
800
600
400
200
0
-60
-20
0
80
TA – TEMPERATURE – °C
HCNW135 (RL = 4.1 kΩ)
HCNW136 (RL = 1.9 kΩ)
HCNW4502/3
WIDEBODY
-40
20
40
60
100
IF = 16 mA, VCC = 5.0 V
tPHL
tPLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com