Electronic Components Datasheet Search
  English  ▼

X  

P010803 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010803
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010803 Datasheet(HTML) 1 Page - E-SWITCH

  P010803 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3
1
2
4
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL3301SPF100RG
4:1
12/12/2012
P010803
E
rc
1
1
3
4
1
2
P.C.B. LAYOUT
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 50VDC, 50mA
5. OPERATING FORCE: 100 `50 gms
6. TRAVEL: 0.25mm +0.2/-0.1MM
7. CONTACT RESISTANCE: 100 MILLI OHMS MAX. (INITIAL)
8. MECHANICAL/ELECTRICAL LIFE 100,000 CYCLES MIN.
9. CONTACTS: GOLD
10. PACKAGED TAPE AND REEL- 750 PIECES PER REEL.
11. 2002/95/EC (ROHS) COMPLIANT
12.
DENOTES CRITICAL PARAMETER
5.90
[.232 in]
11.20
[.441 in]
7.00
[.276 in]
3.10
[.122 in]
3.60
[.142 in]
8.40
[.331 in]
10.00
[.394 in]
4.50 `.10
.177 `.004 in
[
]
.70
[.028 in]
TYP.
6.00
[.236 in]
SQUARE
n3.50
[.138 in]
.40
[.016 in]
MAX.
TYP.
ALL TERMINALS MUST BE
COPLANAR WITHIN 0.10 [.004]
TOTAL
2
4
3
CIRCUIT: SPST
1
USE GOLD DOME
P990006
C
20800
Redrawn
10/01/12
RC
ACTUATOR COLOR:
BROWN
7.50
[.295 in]
2.80
[.110 in]
SQ
1.80
[.071 in]
1.10
[.043 in]
1.70
[.067 in]
SQ
D
20921
P990006 WAS P990005
12/12/12
EBP
D
E
21010
750 PER REEL WAS 1000 PER REEL
2/6/13
EBP
E


Similar Part No. - P010803

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010801 E-SWITCH-P010801 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010802 E-SWITCH-P010802 Datasheet
65Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010804 E-SWITCH-P010804 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010805 E-SWITCH-P010805 Datasheet
159Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P010803

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com