Electronic Components Datasheet Search
  English  ▼

X  

HCPL-6550 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-6550
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-6550 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-6550 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-6550 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-6550 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-6550 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-6550 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-6550 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-6550 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-6550 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-6550 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1-564
Absolute Maximum Ratings
(No derating required up to +125
°C)
Storage Temperature Range, TS ................................... -65°C to +150°C
Operating Temperature, TA .......................................... -55°C to +125°C
Case Temperature, TC ................................................................ +170°C
Junction Temperature, TJ........................................................... +175°C
Lead Solder Temperature ............................................... 260
°C for 10 s
Peak Forward Input Current, (each channel,
≤ 1 ms duration), I
FPK .............................................................. 40 mA
Average Input Forward Current, IFAVG (each channel) ................ 20 mA
Reverse Input Voltage, BVR ...................... See Electrical Characteristics
Average Output Current, IO (each channel) ................................... 8 mA
Peak Output Current, IO (each channel) ...................................... 16 mA
Supply Voltage, VCC ......................................................... -0.5 V to 20 V
Output Voltage, VO (each channel) ................................... -0.5 V to 20 V
Input Power Dissipation (each channel) ..................................... 36 mW
Output Power Dissipation (each channel) .................................. 50 mW
Package Power Dissipation, PD (each channel) ........................ 200 mW
Single Channel 8 Pin, Dual Channel 16 Pin,
and LCCC Only
Emitter Base Reverse Voltage, VEBO ............................................... 3.0 V
Base Current, IB (each channel) .................................................... 5 mA
ESD Classification
(MIL-STD-883, Method 3015)
4N55, 4N55/883B, HCPL-5500/01, and
HCPL-6530/31 ..................................................................... (
∆), Class 1
HCPL-5530/31, HCPL-6550/51 ....................................... (Dot), Class 3
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level
IFL
250
µA
Input Current, High Level
IFH
12
20
mA
Supply Voltage, Output
VCC
218
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com