Electronic Components Datasheet Search
  English  ▼

X  

P010821 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010821
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010821 Datasheet(HTML) 1 Page - E-SWITCH

  P010821 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1250F280BQRCLR
2 =1
7/14/2009
P010821
B
BLR
1
1
FORWARD CURRENT
LED SPECS
FORWARD VOLTAGE @20mA
LUMINOUS INTENSITY @ 20mA
V
mcd
mA
UNITS
20 NOMINAL
1500 TYP.
BLUE
3.3 TYP 4.0 MAX
650 MIN.
P.C.B LAYOUT
4
2
1
CIRCUIT: SPST
3
BLUE LED
6
5
+
-
5.00
[.197 in]
4.50
[.177 in]
6.30
[.248 in]
2.50
[.098 in]
n1.00
[.039 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. RATING: 50mA @ 12VDC
4. CONTACT RESISTANCE: 100mW MAX.
5. INSULATION RESISTANCE: 100MW MIN.
6. OPERATING FORCE: 280
`70gf
7. TRAVEL: 0.2
` 0.1mm
8. OPERATING TEMPURATURE: -20
~C TO 70~C
9. OPEREATING LIFE: 50,000 CYCLES
10. LED: BLUE
11. CONTACTS: SILVER.
12.
DENOTES CRITICAL PARAMETERS
13. 2002/95/EC (ROHS) COMPLIANT
14. PARTS TO BE PACKAGED IN TUBES,
60 PIECES PER TUBE.
n5.00
[.197 in]
n8.00
[.315 in]
6.80
[.268 in]
2.30
[.091 in]
4.40
[.173 in]
5.90
[.232 in]
10.70
[.421 in]
7.10
[.279 in]
3.50
[.138 in]
3.10
[.122 in]
3.4
[.133 in]
5.80
[.228 in]
6.05
[.238 in]
8.30
[.327 in]
A
18574
Release For Production
7/14/09
BLR
CAP MATERIAL
TO BE CLEAR
POLYCARBONATE
1
3
56
36
4
1
5
2
3
6
4
6.30
[.248 in]
.50
[.020 in]
.40
[.016 in]
2.50
[.098 in]
.15
[.006 in]
LED Z000009
MATTE TIN PLATED
B
20503
RVS LED SPEC/ADD NOTE FOR TIN PLATE
3/2/2012
MM


Similar Part No. - P010821

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010820 E-SWITCH-P010820 Datasheet
192Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010822 E-SWITCH-P010822 Datasheet
192Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010823 E-SWITCH-P010823 Datasheet
192Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010824 E-SWITCH-P010824 Datasheet
179Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010825 E-SWITCH-P010825 Datasheet
215Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P010821

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com