Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2601 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-2601
Description  High CMR, High Speed TTL Compatible Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2601 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-2601 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2601 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High CMR, High Speed TTL
Compatible Optocouplers
Technical Data
6N137
HCNW137
HCNW2601
HCNW2611
HCPL-0600
HCPL-0601
HCPL-0611
HCPL-0630
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this
component to prevent damage and/or degradation which may be induced by ESD.
Features
• 5 kV/
µs Minimum Common
Mode Rejection (CMR) at
VCM = 50 V for HCPL-X601/
X631, HCNW2601 and
10 kV/
µs Minimum CMR at
VCM = 1000 V for HCPL-
X611/X661, HCNW2611
• High Speed: 10 MBd Typical
• LSTTL/TTL Compatible
• Low Input Current
Capability: 5 mA
• Guaranteed ac and dc
Performance over Temper-
ature: -40
°C to +85°C
• Available in 8-Pin DIP,
SOIC-8, Widebody Packages
• Strobable Output (Single
Channel Products Only)
• Safety Approval
UL Recognized - 3750 V rms
for 1 minute and 5000 V rms*
for 1 minute per UL1577
CSA Approved
IEC/EN/DIN EN 60747-5-2
Approved with
VIORM = 630 V peak for
HCPL-2611 Option 060 and
VIORM = 1414 V peak for
HCNW137/26X1
• MIL-PRF-38534 Hermetic
Version Available (HCPL-
56XX/66XX)
Functional Diagram
*5000 V rms/1 Minute rating is for HCNW137/26X1 and Option 020 (6N137, HCPL-2601/11/30/31, HCPL-4661) products only.
HCPL-0631
HCPL-0661
HCPL-2601
HCPL-2611
HCPL-2630
HCPL-2631
HCPL-4661
Applications
• Isolated Line Receiver
• Computer-Peripheral
Interfaces
• Microprocessor System
Interfaces
• Digital Isolation for A/D,
D/A Conversion
• Switching Power Supply
• Instrument Input/Output
Isolation
• Ground Loop Elimination
• Pulse Transformer
Replacement
• Power Transistor Isolation
in Motor Drives
• Isolation of High Speed
Logic Systems
Description
The 6N137, HCPL-26XX/06XX/
4661, HCNW137/26X1 are
optically coupled gates that
combine a GaAsP light emitting
diode and an integrated high gain
photo detector. An enable input
allows the detector to be strobed.
The output of the detector IC is
A 0.1
µF bypass capacitor must be connected between pins 5 and 8.
1
2
3
4
8
7
6
5
CATHODE
ANODE
GND
V
VCC
O
1
2
3
4
8
7
6
5
ANODE 2
CATHODE 2
CATHODE 1
ANODE 1
GND
V
VCC
O2
VE
VO1
6N137, HCPL-2601/2611
HCPL-0600/0601/0611
HCPL-2630/2631/4661
HCPL-0630/0631/0661
NC
NC
LED
ON
OFF
ON
OFF
ON
OFF
ENABLE
H
H
L
L
NC
NC
OUTPUT
L
H
H
H
L
H
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
OUTPUT
L
H
TRUTH TABLE
(POSITIVE LOGIC)
SHIELD
SHIELD


Similar Part No. - HCPL-2601

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL-2601 QT-HCPL-2601 Datasheet
171Kb / 10P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2601 HP-HCPL-2601 Datasheet
246Kb / 15P
High CMR Line Receiver Optocouplers
HCPL-2601 HP-HCPL-2601 Datasheet
252Kb / 16P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-2601 HP-HCPL-2601 Datasheet
261Kb / 10P
Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
584Kb / 12P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
More results

Similar Description - HCPL-2601

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com