Electronic Components Datasheet Search
  English  ▼

X  

HCPL-4502 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # HCPL-4502
Description  Single Channel, High Speed Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4502 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button HCPL-4502 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Figure 9. Thermal Derating Curve, Dependence of Safety Limiting Value with Case Temperature per IEC/EN/DIN EN 60747-5-2.
Figure 8. Small-Signal Current Transfer Ratio vs. Quiescent Input Current.
Figure 7. Logic High Output Current vs. Temperature.
TA – TEMPERATURE – °C
I = 0
V = V
= 5.0 V
CC
O
F
-50
-25
0
+25
+50 +75 +100
10+4
10-2
10-1
100
10+1
10+2
10+3
-75
8 PIN DIP, SO-8
TA – TEMPERATURE – °C
-60
-20
0
20
40
100
10
0
10
+1
10
+2
10
+3
-40
80
60
I = 0
V = V
= 15 V
CC
O
F
WIDEBODY
0
0.10
0.20
0.30
0
IF – QUIESCENT INPUT CURRENT – mA
25
16
4
8
12
20
TA = 25°C, RL = 100 Ω, VCC = 5 V
8 PIN DIP, SO-8
0
0.10
0.30
0
4
8
12
16
25
0.20
0.40
20
0.50
IF – QUIESCENT INPUT CURRENT – mA
TA = 25°C, RL = 100 Ω, VCC = 5 V
WIDEBODY
0
0
TS – CASE TEMPERATURE – °C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
PS (mW)
IS (mA)
175
HCPL-4503 OPTION 060
0
0
TS – CASE TEMPERATURE – °C
175
1000
50
400
125
25
75
100
150
600
800
200
100
300
500
700
900
PS (mW)
IS (mA)
HCNW135/6, HCNW4502/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com